Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • P-R44

  • AI
    The **P-R44** refers to a specific electronic component, most commonly categorized as a **Precision Low-Ohmic Resistor** or a specific **Power Resistor** series used in current sensing applications. Below is an overview of its electronic characteristics and technical details. --- ### 1. General Specifications The P-R44 is designed for high-stability performance. Its primary function is to provide a precise resistance value with minimal thermal drift. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Fixed Resistor (Power/Current Sense) | | **Material** | Metal Film or Metal Alloy | | **Resistance Range** | Typically low milliohms (mΩ) to standard ohms | | **Tolerance** | ±0.1%, ±0.5%, or ±1% (Precision grade) | | **Temperature Coefficient (TCR)** | Low (often <50 ppm/°C) | --- ### 2. Key Electronic Features * **Low Inductance:** Because these parts are often used in high-frequency switching power supplies, they are designed with non-inductive winding or film techniques to prevent signal distortion. * **Current Sensing:** The R44 designation often implies it is used as a shunt. By measuring the voltage drop across this resistor, a circuit can determine the exact current flowing through a branch. * **Thermal Dissipation:** They are built to handle heat. The "P" often denotes a "Power" rating, meaning the physical package is optimized to dissipate heat into the PCB or via a heatsink. --- ### 3. Pinout and Physical Construction Most P-R44 components come in two primary form factors: 1. **SMD (Surface Mount Device):** Large rectangular chips (e.g., 2512 or 1206 case sizes) with wide metal terminals for better soldering and heat transfer. 2. **Through-Hole:** Radial or axial leads, often encased in a ceramic or flameproof coating to protect the internal resistive element. --- ### 4. Typical Applications The P-R44 is found in the following electronic environments: * **Power Management:** Inverters, DC-DC converters, and battery management systems (BMS). * **Motor Control:** Monitoring the phase current in industrial motors. * **Automotive Electronics:** Used in ECU (Engine Control Unit) modules for precision measurement. * **Test Equipment:** In multimeters or oscilloscopes where high-accuracy resistance standards are required. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific wattage rating for the P-R44 resistor you are looking for?
    • ⤷ Are you referring to the P-R44 in the context of a specific manufacturer like Vishay or Ohmite?
    • ⤷ Do you need help calculating the voltage drop across an R44 resistor for a current sensing circuit?