AI

The **P60** designation most commonly refers to the classic "P60 drop-in" module standard for high-intensity tactical flashlights (originally popularized by SureFire). In the context of electronics, the P60 is not a single part, but a modular assembly consisting of several critical components.
---
### 1. Key Electronic Components of a P60 Module
A P60 module is an integrated light engine. Below are the primary electronic parts found inside the brass or aluminum housing:
| Component | Function | Common Specifications |
| :--- | :--- | :--- |
| **LED Emitter** | The light source. | Cree XM-L2, XP-G2, or Luminus SST-40 |
| **Driver Circuit** | Regulates current/voltage from the battery. | AMC7135 based, Buck, or Boost drivers |
| **MCPCB** | Metal Core Printed Circuit Board for heat sync. | 16mm or 20mm Copper/Aluminum boards |
| **Contact Springs** | Positive/Negative battery interfaces. | Beryllium copper or gold-plated steel |
| **SMD Components** | Resistors, capacitors, and microcontrollers. | Used for mode switching (Low, Med, High, Strobe) |
---
### 2. The Driver (The "Brain")
The driver is the most complex electronic part of the P60. It manages how the battery power is delivered to the LED.
* **Input Voltage:** Usually ranges from **2.7V to 4.2V** (single Li-ion) or **3V to 9V** (multi-cell).
* **Current Regulation:** Ensures the LED doesn't burn out by limiting the Amperes (e.g., 2.8A for a standard high-power module).
* **User Interface (UI):** The microcontroller on the driver is programmed to handle "clicky" switch signals to cycle through brightness levels.
### 3. Thermal Management
Since P60 modules are compact, heat is the enemy of the electronics.
* **Thermal Path:** The LED is soldered to the **MCPCB**, which is pressed against the module shell.
* **Potting:** High-end P60 modules often use thermal epoxy (potting compound) to encase the electronics. This protects against recoil (for weapon-mounted lights) and improves heat dissipation.
### 4. Technical Specifications Summary
* **Diameter:** Approximately 26.5mm (Outer shell).
* **Spring Type:** Usually features a large outer spring (negative) and a small inner spring (positive).
* **Compatibility:** Designed to be interchangeable across hosts like the SureFire 6P, Solarforce L2, and various tactical bodies.
---
- ⤷
What is the difference between a Buck driver and a Boost driver in a P60 module?
- ⤷ How do I choose the correct voltage range for a P60 replacement?
- ⤷ Why is 'potting' important for electronics in tactical flashlights?