Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • PA3211L-AF5-R

  • AI
    The **PA3211L-AF5-R** is a specific integrated circuit (IC), typically classified as a **Low Dropout (LDO) Linear Regulator**. These components are essential in power management to provide a stable, constant voltage output from a fluctuating or higher-level input source. --- ### 1. General Specifications The part number follows the naming convention of manufacturers like **UTC (Unisonic Technologies)**. Below are the typical technical characteristics for this series: | Parameter | Description | | :--- | :--- | | **Component Type** | CMOS Low Dropout (LDO) Voltage Regulator | | **Output Type** | Fixed Output Voltage (Specific to sub-variant) | | **Package Type** | SOT-25 / SOT-23-5 (indicated by "AF5") | | **Low Quiescent Current** | Designed for battery-powered applications | | **Features** | Built-in current limit and thermal shutdown protection | ### 2. Part Number Breakdown The suffix and prefix provide specific details about the physical and electrical properties: * **PA3211**: The series model number (High-speed LDO). * **L**: Lead-free/Halogen-free designation (Environmental compliance). * **AF5**: Package code, specifically referring to the **SOT-25** (also known as SOT-23-5) 5-pin surface mount package. * **R**: Tape and Reel packaging (Standard for automated PCB assembly). --- ### 3. Pin Configuration (SOT-25) In a standard PA3211 configuration, the 5 pins are usually assigned as follows: | Pin Number | Symbol | Function | | :--- | :--- | :--- | | 1 | **VIN** | Input Voltage Power Supply | | 2 | **GND** | Ground | | 3 | **CE / EN** | Chip Enable (Active High) | | 4 | **NC / BYP** | No connection or Bypass Capacitor (for noise reduction) | | 5 | **VOUT** | Regulated Output Voltage | --- ### 4. Key Electronic Characteristics * **High PSRR:** High Power Supply Rejection Ratio, making it suitable for RF and sensitive analog circuits where noise must be filtered. * **Dropout Voltage:** Very low dropout (usually < 200mV at full load), allowing the device to maintain regulation even when the input voltage is very close to the output voltage. * **Enable Logic:** The `CE` pin allows the system to turn off the regulator to save power, reducing current draw to near-zero (Shutdown Mode). ### 5. Common Applications * Cellular Phones and Smart Devices. * Battery-powered portable equipment. * Reference voltage sources for ADCs/DACs. * Wireless LAN modules.
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage supported by the PA3211L series?
    • ⤷ How does the 'Enable' pin affect power consumption in standby mode?
    • ⤷ What is the recommended value for the bypass capacitor on pin 4?