Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • PBYR2080CT

  • AI
    The **PBYR2080CT** is a high-performance **Schottky Rectifier Diode** commonly used in power management and switching applications. It is designed for low power loss and high efficiency. --- ### 1. Key Technical Specifications The part number follows a standard naming convention where "20" usually refers to the current rating and "80" refers to the voltage rating. | Parameter | Value | Description | | :--- | :--- | :--- | | **Component Type** | Schottky Barrier Diode | Dual center-tap configuration | | **Maximum Average Forward Current ($I_{F(AV)}$)** | 20 A | Total for both diodes (10A per leg) | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 80 V | Maximum voltage the diode can block | | **Forward Voltage Drop ($V_F$)** | ~0.7 V | Low voltage drop compared to standard silicon diodes | | **Package Type** | TO-220AB | Standard three-pin power package | | **Operating Temperature** | Up to 150°C | High thermal stability | --- ### 2. Internal Structure and Pinout The PBYR2080CT is a **dual diode** with a **Common Cathode** arrangement. This means there are two anodes and one shared cathode, typically used in full-wave rectification. * **Pin 1:** Anode 1 * **Pin 2 / Tab:** Cathode (Common) * **Pin 3:** Anode 2 --- ### 3. Features and Advantages * **Low Power Loss:** Schottky diodes have a lower forward voltage drop ($V_F$) than standard diodes, leading to higher energy efficiency. * **Fast Switching:** As a Schottky barrier device, it has negligible reverse recovery time ($t_{rr}$), making it ideal for high-frequency circuits. * **Guard Ring Protection:** Most versions include an internal guard ring for stress protection and long-term reliability against high voltages. --- ### 4. Common Applications Due to its high current capacity and fast switching speeds, it is found in: 1. **Switched-Mode Power Supplies (SMPS):** Used for output rectification. 2. **DC-DC Converters:** Helping to step down or step up voltages efficiently. 3. **Freewheeling Diode:** Protecting circuits from inductive spikes in motor controllers. 4. **Reverse Polarity Protection:** Preventing damage if batteries or power sources are connected backward.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Schottky diode like the PBYR2080CT and a standard PN junction diode?
    • ⤷ Can the PBYR2080CT be used in a bridge rectifier circuit?
    • ⤷ How does heat sinking affect the 20A current rating of this component?