Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • PBYR2525CT

  • AI
    ## Detailed Overview of the PBYR2525CT The **PBYR2525CT** is a high-performance **Schottky Barrier Diode** commonly used in power switching applications. It is designed for low power loss and high efficiency. --- ### 1. Key Technical Specifications The part number itself often reveals key metrics (25 Amps, 25 Volts). Below are the specific electrical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Type** | Schottky Barrier | Dual center-tap configuration | | **$I_{F(AV)}$** | 25 A | Average forward current (total) | | **$V_{RRM}$** | 25 V | Repetitive peak reverse voltage | | **$V_F$** | ~0.45 V | Low forward voltage drop | | **$I_{FSM}$** | 200 A | Non-repetitive peak surge current | | **Package** | TO-220AB | Standard 3-pin through-hole power package | --- ### 2. Internal Configuration The "CT" suffix indicates a **Common Cathode** center-tap arrangement. This means there are two diodes inside a single package sharing a middle pin. ```text Pin 1: Anode (Diode 1) Pin 2: Cathode (Common / Heat sink tab) Pin 3: Anode (Diode 2) ``` --- ### 3. Features and Advantages * **Ultra-Low Forward Voltage:** Reduces heat generation and improves energy efficiency compared to standard silicon diodes. * **Fast Switching:** Schottky diodes have negligible reverse recovery time ($t_{rr}$), making them ideal for high-frequency circuits. * **Guard Ring Protection:** Most PBYR series include an internal guard ring for stress protection against transient voltages. * **High Junction Temperature:** Capable of operating at high thermal loads (typically up to 150°C). --- ### 4. Common Applications Due to its high current capacity and low voltage drop, it is frequently used in: 1. **Switched Mode Power Supplies (SMPS):** Used in the output rectification stage. 2. **DC-DC Converters:** Providing polarity protection or freewheeling. 3. **Battery Management:** Preventing reverse current flow in charging circuits. 4. **Solar Systems:** Often utilized as blocking diodes to prevent battery discharge into panels at night. --- ### 5. Thermal Management Since the PBYR2525CT handles up to 25A, it generates significant heat. The **TO-220** package features a metal tab connected to Pin 2 (Cathode). * **Heatsinking:** A dedicated heatsink is mandatory for high-current loads. * **Thermal Paste:** Should be applied between the tab and the heatsink to ensure optimal thermal conductivity.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the PBYR2525CT?
    • ⤷ How does the forward voltage drop change with temperature in this diode?
    • ⤷ Can this diode be used in a full-bridge rectifier circuit?