PCHC40-R68M-RC
AI

The **PCHC40-R68M-RC** is a high-current, low-profile power inductor commonly used in DC-DC converters and power management modules. It is manufactured by companies like **Taiyo Yuden** (specifically within their MCOIL™ series or similar high-density power series).
Below is the detailed breakdown of its specifications and electronic characteristics.
---
### 1. Part Number Decoder
Understanding the alphanumeric code helps identify the component's physical and electrical limits:
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **PCHC** | Series Type | High-current power inductor (Metal Core/Composite) |
| **40** | Case Size | Refers to physical dimensions (typically 4.0 x 4.0 mm) |
| **R68** | Inductance Value | **0.68 µH** (R denotes the decimal point) |
| **M** | Tolerance | **±20%** |
| **RC** | Compliance | RoHS Compliant / Standard environmental rating |
---
### 2. Key Electrical Specifications
While exact values can vary slightly by manufacturer, the standard specs for an **R68** in this footprint are generally:
* **Inductance:** 0.68 µH
* **DC Resistance (DCR):** Very low (typically between 5mΩ to 15mΩ) to minimize power loss.
* **Saturation Current ($I_{sat}$):** High capacity (often 8A to 15A), meaning the inductance won't drop significantly under high loads.
* **Temperature Rise Current ($I_{rms}$):** The current level that causes a 40°C rise in component temperature.
* **Operating Temperature:** Typically -40°C to +125°C.
---
### 3. Material and Construction
The "HC" in the series usually refers to **High Current** or **High Composite** materials.
* **Core Material:** Usually a Metal Powder or Carbonyl Iron composite. Unlike traditional ferrite cores, metal powder cores offer **soft saturation** characteristics (the inductance drops gradually rather than abruptly).
* **Shielding:** These are **Magnetic Shielded** components. This prevents Electromagnetic Interference (EMI) from affecting nearby sensitive components on the PCB.
* **Structure:** Wire-wound internal structure molded into a solid composite block for high mechanical durability.
---
### 4. Common Applications
Due to its small size and high current handling, the PCHC40-R68M-RC is found in:
1. **Voltage Regulator Modules (VRM):** For CPUs and GPUs in laptops and tablets.
2. **DC-DC Converters:** Point-of-Load (POL) power supplies.
3. **Smartphones:** Battery management systems where space is at a premium.
4. **SSD Drives:** Providing stable power to high-speed flash controllers.
---
### 5. Summary Table
| Property | Value/Type |
| :--- | :--- |
| **Component Type** | Fixed Inductor / Power Inductor |
| **Inductance** | 0.68 µH |
| **Tolerance** | ±20% |
| **Shielding** | Shielded |
| **Mounting Type** | Surface Mount (SMD/SMT) |
---
- ⤷What is the difference between soft saturation and hard saturation in inductors?
- ⤷ How does DCR affect the efficiency of a DC-DC converter?
- ⤷ What are the recommended PCB landing patterns for a 4.0 x 4.0 mm inductor?