PCHC60-R78M-RC
AI

The **PCHC60-R78M-RC** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converters and high-current power supplies. It belongs to a class of "molded" inductors designed for high efficiency and electromagnetic interference (EMI) shielding.
---
### 1. Technical Specifications
The following table highlights the primary electrical and physical characteristics of the component:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Inductance** | 0.78 µH | Rated at 100 kHz, 0.25V |
| **Tolerance** | ±20% | Standard for power applications |
| **DC Resistance (DCR)** | ~1.6 mΩ (Max) | Very low resistance to minimize heat loss |
| **Rated Current (Irms)** | ~25A - 30A | Current causing 40°C temperature rise |
| **Saturation Current (Isat)** | ~45A - 50A | Current where inductance drops by 20-30% |
| **Operating Temp** | -55°C to +125°C | Includes self-heating |
| **Package Size** | 6060 (6.0 x 6.0 mm) | Compact square footprint |
---
### 2. Key Internal Features
#### A. Core Material
The part typically utilizes a **Carbonyl Iron Powder** or a composite metallic core. This material is pressed around the copper winding, which offers:
* **Soft Saturation:** Unlike ferrite cores that drop inductance sharply, this core saturates gracefully under high loads.
* **High Energy Storage:** Allows for high current handling in a small volume.
#### B. Shielded Construction
The "molded" design acts as a natural magnetic shield. This reduces **Electromagnetic Interference (EMI)**, preventing the inductor's magnetic field from interfering with nearby sensitive components on the PCB.
#### C. Lead-Free (RC)
The "RC" suffix stands for **RoHS Compliant**, meaning the component is manufactured without lead, mercury, or other hazardous substances, meeting international environmental standards.
---
### 3. Common Applications
Due to its high current handling and low profile, the PCHC60-R78M-RC is used in:
1. **Voltage Regulator Modules (VRMs):** Powering CPUs and GPUs in laptops and servers.
2. **Point of Load (POL) Converters:** Distributed power systems on motherboards.
3. **Battery Powered Devices:** High-efficiency DC-DC conversion to extend battery life.
4. **Automotive Electronics:** Infotainment and driver assistance systems (if AEC-Q200 qualified).
---
- ⤷
What are the equivalent alternatives to the PCHC60 series from other manufacturers?
- ⤷ How does 'soft saturation' improve the performance of a DC-DC converter?
- ⤷ What is the physical height/profile of the PCHC60-R78M-RC?