Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • PCV80-F200-R4-V19

  • AI
    The **PCV80-F200-R4-V19** is a high-performance industrial Data Matrix Positioning System manufactured by **Pepperl+Fuchs**. It is primarily used in automated guided vehicles (AGVs), monorail systems, and logistics for precise tracking. --- ### 1. Key Electronic Components and Specifications The device combines an integrated camera system, digital signal processing, and industrial communication interfaces. | Feature | Technical Specification | | :--- | :--- | | **Operating Voltage** | 15 ... 30 V DC | | **Power Consumption** | Max. 200 mA (approx. 3W - 6W depending on load) | | **Sensor Type** | CMOS Area Sensor (Camera-based) | | **Light Source** | Integrated LED (Red), 630 nm | | **Interface** | RS-485 (Half-duplex) | | **Resolution** | ± 0.1 mm | | **Protocol** | Data Matrix code reading | --- ### 2. Functional Electronic Blocks #### A. Imaging & Optics System The core of the electronic assembly is a **CMOS sensor**. Unlike a simple photoeye, this is a vision-based sensor that captures frames of the "Data Matrix Tape" laid on the floor or rail. * **LED Array:** Integrated high-intensity LEDs illuminate the code tape to ensure consistent contrast regardless of ambient lighting. * **Electronic Shutter:** Compensates for high-speed movement (up to 12.5 m/s) to prevent motion blur. #### B. The Processor (DSP/FPGA) The internal electronics contain a dedicated Image Processor. It performs real-time edge detection and decoding of the 2D Data Matrix codes. It calculates: * **X-Position:** Absolute distance along the tape. * **Y-Position:** Offset from the center of the tape (lateral tracking). * **Angle:** Orientation of the sensor relative to the tape. #### C. Communication Interface (RS-485) The **R4** designation indicates an **RS-485** physical layer. * It uses differential signaling, making it highly resistant to electromagnetic interference (EMI) commonly found in industrial environments near large motors. * The **V19** suffix refers to the M12 connector (8-pin) pinout configuration. --- ### 3. Connection Pinout (V19 Plug) The electronics interface via an 8-pin M12 connector. The typical wiring for the electronic signals is: | Pin | Function | Description | | :--- | :--- | :--- | | 1 | OUT 1 | Configurable digital output | | 2 | +UB | Positive power supply (24V) | | 3 | Data A | RS-485 Positive Signal | | 4 | Data B | RS-485 Negative Signal | | 5 | IN 1 | External Trigger/Input | | 6 | OUT 2 | Fault/Status output | | 7 | GND | Ground / 0V | | 8 | IN 2 | Functional Input | --- ### 4. Electronic Protection Circuits To ensure longevity in harsh industrial settings, the internal PCB includes: * **Reverse Polarity Protection:** Prevents damage if the power supply leads are swapped. * **Short-Circuit Protection:** Protects the digital outputs (OUT 1/2) from overcurrent. * **Overvoltage Protection:** Guards against spikes on the 24V DC line. ---
    ✨ Follow-up Questions
    • How do you configure the baud rate for the RS-485 interface on this model?
    • What is the maximum travel speed supported by the PCV80 camera system?
    • Which software is used to parameterize the PCV80-F200-R4-V19?