PE2CP1045
AI

The **PE2CP1045** is a high-performance, ultra-wideband **90-degree Hybrid Coupler** manufactured by Pasternack. This electronic component is primarily used in RF (Radio Frequency) and microwave systems to split or combine signals with a specific phase relationship.
---
### 1. Technical Specifications
The following table summarizes the core electronic characteristics of the PE2CP1045:
| Parameter | Specification |
| :--- | :--- |
| **Frequency Range** | 2 GHz to 18 GHz |
| **Impedance** | 50 Ohms |
| **Coupling** | 3 dB (Nominal) |
| **Phase Balance** | ± 5 Degrees |
| **Insertion Loss** | 1.3 dB (Maximum) |
| **Isolation** | 17 dB (Minimum) |
| **Input Power (CW)** | 100 Watts |
| **Connector Type** | SMA Female |
---
### 2. Functional Roles
As a 90-degree hybrid (also known as a **Quadrature Hybrid**), the PE2CP1045 performs several critical functions within a circuit:
* **Signal Splitting:** It takes an input signal and divides it into two output signals of equal power, but with a **90° phase shift** between them.
* **Signal Combining:** It can combine two signals while maintaining high isolation between the input ports, which is essential for protecting sensitive components.
* **Reflected Power Management:** Due to its phase properties, it is often used in balanced amplifiers to redirect reflected power away from the source and into a dummy load.
---
### 3. Key Electronic Features
* **Ultra-Wideband Performance:** Operating from 2 GHz to 18 GHz makes it versatile for applications ranging from S-band radar to Ku-band satellite communications.
* **High Power Handling:** Rated for **100 Watts CW**, it is suitable for power amplification stages.
* **Rugged Construction:** Typically housed in a passivated stainless steel or aluminum enclosure to ensure EMI shielding and durability in harsh environments.
---
### 4. Typical Applications
1. **Phase Shifters:** Creating variable phase shifts in antenna arrays.
2. **IQ Modulators/Demodulators:** Separating signals into In-phase (I) and Quadrature (Q) components.
3. **Balanced Amplifiers:** Improving VSWR (Voltage Standing Wave Ratio) by combining two identical amplifiers.
4. **Test and Measurement:** Tapping into signals for monitoring without significantly disrupting the main signal path.
---
- ⤷
What is the difference between a 90-degree hybrid and a 180-degree hybrid coupler?
- ⤷ How does insertion loss affect the efficiency of this component in a high-power system?
- ⤷ Can this component be used for bi-directional signal flow?