AI

The **PE44646C** (often associated with Peregrine Semiconductor, now pSemi, a Murata company) is a high-performance **UltraCMOS® Monolithic Phase and Amplitude Controller (MPAC)**. It is specifically designed for the optimization of dual-path amplifier architectures, such as Doherty amplifiers.
---
## 1. Core Technical Specifications
The PE44646C is engineered to provide precise control over the phase and amplitude of RF signals, typically in the sub-6 GHz range.
| Feature | Description |
| :--- | :--- |
| **Technology** | UltraCMOS® on Sapphire (SOI) |
| **Frequency Range** | 2.1 GHz to 2.2 GHz (Optimized range) |
| **Phase Control** | 90° range with 2.8° resolution (5-bit) |
| **Amplitude Control** | 7.5 dB range with 0.25 dB resolution (5-bit) |
| **Interface** | Serial (SPI) or Parallel programming |
| **Package** | 32-lead 5 x 5 mm QFN |
---
## 2. Key Internal Components
The device integrates several critical RF functions into a single monolithic die to reduce footprint and improve reliability.
### A. 90-Degree Hybrid Coupler
The input signal is split using an integrated hybrid coupler. This ensures that the signal is divided into two paths (typically a "Carrier" path and a "Peaking" path for Doherty designs) with high isolation.
### B. Digitally Tunable Phase Shifters
Each path contains a 5-bit phase shifter. This allows the system to compensate for phase mismatches between the two amplifier branches, which is critical for achieving maximum constructive interference at the output.
### C. Digital Step Attenuators (DSA)
The 5-bit DSAs allow for fine-tuning the power levels of the signals. In a Doherty configuration, this helps in balancing the gain between the main and peaking transistors to maximize efficiency and linearity (ACPR).
---
## 3. Applications and Benefits
The primary use case for the PE44646C is in **Wireless Infrastructure**, specifically within Macro Cells and Small Cell Base Stations.
### Why it is used:
* **Doherty Alignment:** Manually tuning Doherty amplifiers is difficult and time-consuming. The PE44646C allows for **automated, real-time alignment** of phase and amplitude.
* **Efficiency:** By optimizing the transition point where the peaking amplifier turns on, it significantly improves Power Added Efficiency (PAE).
* **Space Saving:** It replaces discrete solutions that would require multiple attenuators, phase shifters, and a coupler, reducing the PCB area by up to 80%.
---
## 4. Example Control Logic (Pseudo-code)
The device is typically controlled via an SPI interface. Below is a conceptual example of how a microcontroller might send a command to adjust the phase.
```python
# Example: Setting Phase on Path A
# Address: 0x01 (Path A Phase)
# Value: 0x0F (Middle of the range)
def set_phase_pe44646(path_address, phase_value):
spi_send(path_address)
spi_send(phase_value)
trigger_latch() # Update the internal registers
```
---
- ⤷
What is the difference between the PE44646 and the PE44820 series?
- ⤷ How does the UltraCMOS technology benefit RF performance compared to GaAs?
- ⤷ Can the PE44646C be used for beamforming applications in 5G?