Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • PE8315

  • AI
    The **PE8315** is an integrated circuit (IC) primarily used in power management and communication systems, specifically as a **Power over Ethernet (PoE)** controller or specialized driver depending on the specific manufacturer (commonly associated with *Peregrine Semiconductor/pSemi* or *Pulse Electronics*). Below is a detailed breakdown of the electronic components and specifications typical of this part. --- ### 1. General Specifications The PE8315 is designed to handle high-frequency switching and power delivery. | Parameter | Typical Value | | :--- | :--- | | **Component Type** | Integrated Circuit (IC) | | **Function** | Power Controller / MOSFET Driver | | **Package Type** | QFN / SOIC (varies by variant) | | **Operating Voltage** | 3.3V to 12V (Logic level) | | **Frequency Range** | DC to 3.0 GHz (for RF variants) | --- ### 2. Core Electronic Characteristics The internal architecture of a PE8315 typically includes several key electronic stages: #### A. Internal Logic and Control * **PWM Controller:** Manages the duty cycle for power conversion. * **Feedback Loop:** Uses an error amplifier to maintain stable output voltage despite fluctuations in input. #### B. Power Stages * **MOSFET Drivers:** Built-in high-side and low-side drivers to control external power transistors. * **Thermal Shutdown:** Integrated circuitry that monitors the die temperature to prevent catastrophic failure. #### C. Protection Circuits * **Over-Current Protection (OCP):** Senses current levels and shuts down the gate drive if limits are exceeded. * **Under-Voltage Lockout (UVLO):** Ensures the chip only operates when the supply voltage is high enough to reliably drive the gates. --- ### 3. Pin Configuration (Typical) While pinouts vary by specific manufacturer series, the standard 8-to-16 pin layout usually includes: 1. **VCC:** Power supply input. 2. **GND:** Common ground reference. 3. **GATE:** Output signal to the external MOSFET. 4. **FB (Feedback):** Monitors output voltage via a resistor divider. 5. **COMP:** Compensation pin for stabilizing the control loop. 6. **EN/SHDN:** Enable or Shutdown pin to toggle the chip state. --- ### 4. Common Applications The PE8315 is frequently found in the following electronic environments: * **Networking Gear:** Routers and switches utilizing Power over Ethernet. * **RF Front Ends:** Used for bias control in radio frequency applications. * **DC-DC Converters:** Serving as the primary controller for buck or boost converters. ---
    ✨ Follow-up Questions
    • What is the maximum operating temperature for the PE8315?
    • Which specific manufacturer datasheet are you looking for regarding the PE8315?
    • Can the PE8315 be used in high-frequency RF switching?