Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • PLL500-16SCL-R

  • AI
    ## Overview of PLL500-16SCL-R The **PLL500-16SCL-R** is a high-performance **Low Phase Noise VCXO (Voltage Controlled Crystal Oscillator)** IC designed by Microchip Technology (formerly PhaseLink). It is primarily used to generate a low-jitter output clock from a low-frequency crystal input. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Function** | Low Phase Noise VCXO | | **Input Frequency** | 17MHz to 36MHz | | **Output Frequency** | 17MHz to 36MHz (1x Fundamental) | | **Supply Voltage (VDD)** | 3.3V (±10%) | | **Package Type** | SOIC-8 (Small Outline Integrated Circuit) | | **Operating Temperature** | 0°C to 70°C (Commercial Grade) | | **Output Type** | CMOS / TTL | | **Pull Range** | ±200 ppm (Typical) | --- ### 2. Functional Components The internal architecture of this IC consists of several critical electronic sections: #### A. Voltage Control (VIN) The `VIN` pin allows for a control voltage (typically 0V to VDD) to fine-tune the output frequency. This is essential for Phase Locked Loop (PLL) applications where the frequency must be synchronized to an external reference. #### B. Crystal Oscillator Circuit Designed to work with a fundamental mode crystal. The IC includes internal load capacitance to minimize the need for external components, ensuring a stable oscillation. #### C. Output Buffer The CMOS output driver is designed to provide high drive capability with low electromagnetic interference (EMI). It maintains signal integrity even with standard capacitive loads (15pF). --- ### 3. Pin Configuration (SOIC-8) | Pin # | Symbol | Description | | :--- | :--- | :--- | | 1 | **VIN** | Voltage Control Input for VCXO | | 2 | **XIN** | Crystal Input | | 3 | **GND** | Ground | | 4 | **XOUT** | Crystal Output | | 5 | **CLK** | Clock Output | | 6 | **VDD** | Power Supply (3.3V) | | 7 | **OE** | Output Enable (High = Enable, Low = High Z) | | 8 | **NC** | No Connection | --- ### 4. Applications * **Set-Top Boxes:** For clock synchronization in digital video. * **xDSL / Cable Modems:** Maintaining timing accuracy in data transmission. * **Audio/Video Equipment:** Reducing "jitter" which causes distortion in high-fidelity signals. * **Clock Recovery:** Used in circuits where a local clock must be locked to an incoming data stream. --- ### 5. Part Number Breakdown * **PLL500-16:** The specific series/model designation. * **S:** Package Code (SOIC). * **C:** Temperature Code (Commercial: 0°C to 70°C). * **L:** Lead-free / RoHS Compliant. * **-R:** Tape and Reel packaging.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a standard XO and a VCXO like the PLL500-16?
    • ⤷ What specific crystal parameters are required for optimal performance with this IC?
    • ⤷ How do I calculate the pullability range for this specific circuit?