Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • PLL701-25SC-R

  • AI
    The **PLL701-25SC-R** is a high-performance, low-power integrated circuit (IC) primarily used for clock synthesis and frequency distribution. It is manufactured by Microchip (formerly PhaseLink/Micrel) and is designed to generate high-quality clock signals for communication and networking applications. --- ### 1. Key Technical Specifications The following table outlines the core electronic characteristics of the PLL701-25SC-R: | Parameter | Specification | | :--- | :--- | | **Type** | Clock Multiplier / Phase-Locked Loop (PLL) | | **Input Frequency Range** | 10 MHz to 27 MHz (Crystal or Clock) | | **Output Frequency Range** | Up to 108 MHz | | **Operating Voltage** | 3.3V (Typical) | | **Package Type** | SOP-8 (Small Outline Package, 8 pins) | | **Jitter Performance** | Low phase noise / Low cycle-to-cycle jitter | | **Output Logic** | CMOS | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### 2. Core Functional Components The "PLL" in the part number stands for **Phase-Locked Loop**, which is the heart of the device. Here is how the internal electronic parts function together: 1. **Phase Frequency Detector (PFD):** Compares the phase of the input reference clock (from a crystal or external oscillator) with the feedback signal. 2. **Charge Pump & Loop Filter:** Converts the phase difference into a control voltage. This voltage dictates how much the internal oscillator needs to speed up or slow down. 3. **Voltage Controlled Oscillator (VCO):** Generates the actual output frequency based on the control voltage. 4. **Dividers:** Internal circuitry that divides the VCO frequency to match the input reference, allowing for frequency multiplication (e.g., turning a 25MHz input into a 100MHz output). --- ### 3. Pinout Configuration The device is housed in an 8-pin SOP package. A typical layout for this series involves: * **VDD / VSS:** Power supply and ground pins. * **XIN / XOUT:** Connections for the reference crystal or external clock input. * **CLKOUT:** The synthesized high-frequency clock output. * **OE (Output Enable):** A control pin to turn the output signal on or off for power saving. --- ### 4. Part Number Breakdown Understanding the nomenclature helps in identifying the exact variant: * **PLL701:** The base series identifier for the low-jitter clock multiplier. * **-25:** Specifically indicates the multiplier configuration (often optimized for 25MHz inputs). * **S:** Denotes the package style (SOP). * **C:** Commercial temperature range (0°C to +70°C). * **-R:** Indicates "RoHS compliant" and often signifies "Tape and Reel" packaging for automated assembly. --- ### 5. Common Applications Due to its low jitter and small footprint, this part is commonly used in: * **Ethernet Switches/Routers:** Providing stable timing for data packets. * **Set-Top Boxes:** Synchronizing audio/video processing. * **PC Motherboards:** Generating bus clocks from a single crystal. * **FPGAs:** Serving as an external clock source for logic arrays.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the PLL701 and the PLL702 series?
    • ⤷ How do I calculate the external capacitors needed for the crystal input?
    • ⤷ What are the power consumption characteristics of this IC during high-frequency operation?