Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • PMS-2-R/K

  • AI
    ## Overview of the PMS-2-R/K The **PMS-2-R/K** is a high-precision digital pressure sensor/transmitter, typically manufactured by companies like **Keller** or specialized industrial electronics firms. It is designed to convert physical pressure into a standardized electrical signal for industrial automation and monitoring. --- ### Technical Specifications & Electronic Components Below is a breakdown of the core electronic characteristics and parts involved in this series: | Component / Feature | Description | | :--- | :--- | | **Sensing Element** | Piezoresistive silicon chip or ceramic thick-film sensor. | | **Output Signal** | Standard analog output, typically **4-20 mA** (current loop) or **0-10 V** (voltage). | | **Power Supply** | Usually **10 to 30 VDC**, enabling integration into PLC systems. | | **Connection Type** | DIN 43650 (Plug-in) or M12 connector (K-series often refers to cable/plug variants). | | **Housing Material** | Stainless Steel (AISI 316L) for EMI shielding and durability. | --- ### Core Circuitry Architecture The electronics inside the PMS-2-R/K are divided into three primary functional blocks: 1. **Bridge Circuit (Wheatstone Bridge):** * The sensing element consists of four resistors. When pressure is applied, the resistance changes (Piezoresistive effect). * This generates a millivolt (mV) signal proportional to the pressure. 2. **Signal Conditioning (ASIC/Op-Amp):** * **Amplification:** Since the raw signal is very weak, an internal amplifier boosts the signal. * **Temperature Compensation:** Electronic parts (thermistors or digital compensation) adjust the output to prevent drift caused by ambient heat. 3. **Transmitter Stage:** * Converts the processed voltage into a stable current (4-20 mA). * Includes **Reverse Polarity Protection** to prevent damage if the wires are connected incorrectly. --- ### Implementation Code Example (PLC/Arduino) If you are reading the signal from a PMS-2-R/K (4-20mA version) using an Arduino with a 250-ohm resistor (to convert to 1-5V), the logic would look like this: ```cpp // Example: Reading PMS-2-R/K Pressure Sensor const int sensorPin = A0; float pressureMax = 10.0; // Bar (example range) void setup() { Serial.begin(9600); } void loop() { int rawValue = analogRead(sensorPin); // Convert 1024-bit ADC to Voltage (assuming 5V system) float voltage = rawValue * (5.0 / 1023.0); // Map 1V-5V (from 4-20mA) to 0 - pressureMax float pressure = (voltage - 1.0) * (pressureMax / 4.0); if (pressure < 0) pressure = 0; // Filter noise Serial.print("Current Pressure: "); Serial.println(pressure); delay(500); } ``` --- ### Key Applications * **Hydraulics:** Monitoring oil pressure in heavy machinery. * **Pneumatics:** Controlling compressed air lines. * **Process Engineering:** Tank level measurement via hydrostatic pressure.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout diagrams for the 'R' vs 'K' connector variants?
    • ⤷ How do I calibrate the zero-point on a PMS-2 series sensor?
    • ⤷ What is the maximum overpressure limit for this specific model?