Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • PPC440SPE-RNB667C

  • AI
    The **PPC440SPE-RNB667C** is a high-performance embedded processor from the PowerPC 440 family, specifically designed for storage applications, RAID controllers, and networking infrastructure. It is manufactured by AMCC (Applied Micro Circuits Corporation), which was later acquired by MACOM and Broadcom. ### 1. Key Technical Specifications Below are the primary hardware specifications for the PPC440SPE-RNB667C: | Feature | Specification | |:---|:---| | **Core Architecture** | PowerPC Book-E (440 Core) | | **Clock Speed** | 667 MHz | | **L1 Cache** | 32 KB Instruction / 32 KB Data | | **L2 Cache** | 256 KB (Internal SRAM/L2) | | **Memory Controller** | DDR2 SDRAM (with ECC support) | | **I/O Interfaces** | PCI-Express, PCI-X, I2C, UART | | **Voltage** | 1.5V / 1.8V / 2.5V / 3.3V (I/O dependent) | | **Package** | 896-ball FC-PBGA | --- ### 2. Specialized Internal Components The "SPE" in the model name stands for **Storage Performance Engine**. This processor contains specific hardware logic blocks that distinguish it from standard PowerPC chips: #### A. RAID Acceleration Engine The chip includes a dedicated hardware XOR engine. This allows the processor to calculate parity for RAID 5 and RAID 6 arrays without taxing the main CPU core, significantly boosting write performance in storage systems. #### B. PCI-Express Interface It features integrated PCIe lanes (typically three controllers), allowing it to act as a root complex or an endpoint. This makes it ideal for interfacing with high-speed SAS/SATA controllers. #### C. DMA (Direct Memory Access) It boasts an advanced multi-channel DMA controller that facilitates high-speed data movement between the I/O interfaces and the system memory without CPU intervention. --- ### 3. Part Number Decoder Understanding the suffix **RNB667C**: * **RN:** Typically refers to the specific package type (Fine-pitch Ball Grid Array). * **B:** Refers to the revision of the silicon (Revision B). * **667:** Represents the maximum rated clock frequency (667 MHz). * **C:** Commercial temperature range (0°C to +70°C). --- ### 4. Typical Applications Due to its architecture, this part is commonly found in: 1. **Enterprise Storage:** RAID controller cards and NAS (Network Attached Storage) heads. 2. **Networking:** High-end switches and routers that require local processing power. 3. **Industrial Control:** Complex automation systems requiring deterministic PowerPC performance.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption characteristics of the PPC440SPE at full load?
    • ⤷ How does the XOR engine specifically assist in RAID 6 parity calculations?
    • ⤷ What are the compatible DDR2 memory speeds for this processor?