Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • PRCP-RHT070

  • AI
    ## Overview of the PRCP-RHT070 The **PRCP-RHT070** is a specific model of a **Polymeric Positive Temperature Coefficient (PPTC)** resettable fuse. These components are used for overcurrent protection in electronic circuits. Unlike traditional fuses that blow and must be replaced, a PPTC "trips" into a high-resistance state and resets once the fault is cleared and the power is cycled. --- ### Technical Specifications The following table outlines the key electrical characteristics for the PRCP-RHT070: | Parameter | Specification | Description | | :--- | :--- | :--- | | **$I_{hold}$** | 0.70 Amps | The maximum current the device can carry without tripping. | | **$I_{trip}$** | 1.40 Amps | The minimum current at which the device will switch to high resistance. | | **$V_{max}$** | 16 Volts | The maximum voltage the device can withstand without damage. | | **$I_{max}$** | 100 Amps | The maximum fault current the device can safely handle. | | **$P_d$ (Typ.)** | 0.55 Watts | Power dissipated when the device is in the tripped state. | | **Operating Temp** | -40°C to +125°C | High-temperature rating suitable for automotive/industrial use. | --- ### How the PRCP-RHT070 Works The component functions based on the physical properties of its conductive polymer matrix: 1. **Normal State:** At normal room temperatures and currents below $I_{hold}$, the conductive particles within the polymer form a low-resistance path, allowing current to flow freely. 2. **Tripped State:** When an overcurrent occurs, $I^2R$ heating causes the polymer to expand. This expansion breaks the chains of conductive particles, causing the resistance to increase exponentially. 3. **Resetting:** Once the overcurrent condition is removed and the component cools down, the polymer contracts, the conductive paths are restored, and the device returns to a low-resistance state. --- ### Key Features and Applications * **High Temperature Performance:** The "RHT" series is specifically designed for high ambient temperature environments (up to 125°C), making it ideal for under-the-hood automotive applications. * **Surface Mount Design:** Usually comes in a small SMD package for automated PCB assembly. * **Common Applications:** * Automotive electronics (ECUs, sensors). * Industrial control systems. * Power supplies and battery charging circuits. --- ### Typical Circuit Implementation In a standard circuit, the PRCP-RHT070 is placed in series with the load. ```mermaid graph LR A[Power Source] --- B[PRCP-RHT070] B --- C[Protected Load] C --- D[Ground] ```
    ✨ Follow-up Questions
    • ⤷What is the difference between I_hold and I_trip in PPTC fuses?
    • ⤷ How does ambient temperature affect the performance of the PRCP-RHT070?
    • ⤷ What are the footprint/package dimensions for this specific model?