Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • PS1204-R50M

  • AI
    The **PS1204-R50M** is a high-current, shielded power inductor typically used in DC-DC converter circuits. It belongs to a class of surface-mount devices (SMD) designed for high-frequency power applications where space and efficiency are critical. --- ### 1. Technical Specifications The part number follows a standard naming convention for electronic components. Here is the breakdown of its primary characteristics: | Parameter | Specification (Typical) | | :--- | :--- | | **Inductance** | 0.50 µH (0.5 R) | | **Tolerance** | ±20% (indicated by 'M') | | **Case Size** | 12x12 mm (Approximate) | | **Type** | Shielded Surface Mount (SMD) | | **Core Material** | Ferrite or Composite Metal | --- ### 2. Key Features * **Magnetic Shielding:** The component is enclosed in a magnetic material to minimize Electromagnetic Interference (EMI). This prevents the inductor's magnetic field from interfering with neighboring components. * **High Current Handling:** Designed to carry high saturation currents (Isat) and high heating currents (Irms), making it ideal for power stages. * **Low DCR (DC Resistance):** It features low internal resistance to reduce power loss and heat generation during operation. --- ### 3. Common Applications This inductor is commonly found in the following electronic circuits: 1. **Voltage Regulator Modules (VRMs):** Used in motherboards and GPU power phases. 2. **Buck/Boost Converters:** To smooth out current ripples in DC-to-DC power supplies. 3. **Industrial Controls:** For power filtering in high-reliability environments. 4. **Laptops/Servers:** High-density power management units. --- ### 4. Schematic Representation In a circuit diagram, the PS1204-R50M is represented by a standard inductor symbol, often accompanied by a "shield" notation. ```spice * Example circuit placement [Input Voltage] ----(L: PS1204-R50M)---- [Output Load] | [Capacitor] | (GND) ```
    ✨ Follow-up Questions
    • ⤷What is the maximum saturation current for the PS1204-R50M?
    • ⤷ How does 'M' tolerance impact the performance of a power supply?
    • ⤷ Are there smaller footprint alternatives with the same 0.50uH inductance?