Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • PSAC45W

  • AI
    The **PSAC45W** is a widely used 45-Watt AC/DC power adapter, typically manufactured by **Phihong Technology**. It is designed for versatile applications, ranging from networking equipment to consumer electronics. Below is a breakdown of its electronic specifications and internal components. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 90V to 264V AC (Universal) | | **Input Frequency** | 47Hz to 63Hz | | **Output Power** | 45 Watts (Continuous) | | **Output Voltage** | Usually 12V, 15V, 19V, or 24V (Model dependent) | | **Efficiency** | Level VI (DOE) / ErP Stage 2 | | **Safety Certifications** | UL/cUL, CE, TUV, PSE | --- ### 2. Core Electronic Components The PSAC45W utilizes a **Switching Mode Power Supply (SMPS)** architecture. Here are the primary electronic parts found inside the assembly: #### A. Input Stage (Primary Side) * **Bridge Rectifier:** Converts incoming AC voltage to a pulsating DC voltage. * **Bulk Capacitor:** Large electrolytic capacitor (usually 400V-450V rated) that smooths the DC voltage. * **EMI/RFI Filter:** A combination of X/Y capacitors and common-mode chokes to prevent electromagnetic interference from leaking back into the power grid. * **PWM Controller IC:** The "brain" that regulates the switching frequency to maintain a steady output. #### B. Switching Stage * **Power MOSFET:** High-speed transistor that "chops" the DC voltage into high-frequency pulses. * **Main Transformer:** A ferrite-core transformer that provides galvanic isolation between the high-voltage input and low-voltage output. #### C. Output Stage (Secondary Side) * **Schottky Rectifier:** High-speed diodes that convert the transformer's AC output back into DC. * **Filtering Capacitors:** Low-ESR electrolytic capacitors that remove ripple and noise from the final output. * **Optocoupler:** An infrared LED/Phototransistor component that sends feedback from the output side back to the PWM controller to ensure voltage stability. --- ### 3. Protections and Reliability The electronic design includes several safety mechanisms: * **Over-Voltage Protection (OVP):** Shuts down the circuit if the output voltage exceeds a safe threshold. * **Short Circuit Protection (SCP):** Automatically recovers once the short is removed. * **Over-Current Protection (OCP):** Limits the output current to prevent overheating. ---
    ✨ Follow-up Questions
    • What are the most common failure points in the PSAC45W adapter?
    • How do I identify the specific output voltage variant of my PSAC45W?
    • What are the differences between Phihong and generic 45W adapters?