Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • R-10-R

  • AI
    In the context of electronics and control systems, **R-10-R** typically refers to a specific type of **Relay Module** or a **Resistor Ladder Network** (R-2R variant), though it is most commonly associated with industrial relay specifications or vintage electronic components. Below is an explanation of the electronic components involved in these configurations. --- ## 1. The R-10-R Relay Module Most modern search results for "R-10-R" point to heavy-duty industrial relays or PCB-mounted relay modules. ### Component Breakdown | Part | Function | | :--- | :--- | | **Coil** | An electromagnet that creates a magnetic field when current flows through it. | | **Armature** | The moving part that opens or closes the electrical circuit. | | **Contacts** | Silver-alloy points that physically touch to complete the high-power circuit. | | **Damping Diode** | Often included in "R" series modules to prevent back-EMF spikes from damaging the controller. | ### Technical Specifications (Typical) * **Voltage:** Usually 12V or 24V DC. * **Configuration:** SPDT (Single Pole Double Throw) or DPDT. * **Usage:** Used as an interface between low-power microcontrollers (like Arduino/PLCs) and high-power loads (motors, lights). --- ## 2. R-10-R as a Resistor Network In some specialized circuit diagrams, R-10-R can refer to a specific branch of a **Resistor Ladder** used in Digital-to-Analog Converters (DAC). ### How it Works 1. **Impedance Matching:** The ratio of resistors (often 10k ohms) ensures that the binary input is converted into a linear voltage output. 2. **Precision:** These parts are usually "Thick Film" or "Metal Film" resistors with a 1% tolerance to ensure accuracy in signal processing. --- ## 3. Component Identification Table If you are looking at a physical part labeled "R-10-R," here is how to identify its attributes: | Feature | Description | | :--- | :--- | | **Housing** | Usually a rectangular plastic casing (sealed or dust-proof). | | **Pins** | Typically 5 to 8 pins for PCB mounting. | | **Markings** | Often includes a schematic diagram printed on the side of the shell. | | **Material** | Flame-retardant PBT plastic for the exterior. | --- ## Summary of Use Cases * **Automation:** Switching actuators in a factory line. * **Automotive:** Controlling high-beam lights or fuel pumps. * **Audio:** Part of a stepped attenuator (volume control) if used as a resistor network.
    ✨ Follow-up Questions
    • ⤷ Are you referring to a specific brand of relay
    • ⤷ such as Omron or TE Connectivity?
    • ⤷ Do you need a wiring diagram for an R-10-R relay module?
    • ⤷ Is this part of a Digital-to-Analog converter circuit?