RB751V40L-CB2-R
AI

The **RB751V40L-CB2-R** is a specific surface-mount Schottky Barrier Diode. It is widely used in high-speed switching and low-voltage rectification applications due to its efficiency and compact footprint.
---
### 1. Key Specifications
The following table summarizes the primary electrical characteristics of the component:
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| **Peak Reverse Voltage** | $V_{RM}$ | 40 | Volts (V) |
| **DC Reverse Voltage** | $V_R$ | 30 | Volts (V) |
| **Mean Rectified Current** | $I_O$ | 30 | Milliamps (mA) |
| **Peak Forward Surge Current** | $I_{FSM}$ | 200 | Milliamps (mA) |
| **Forward Voltage (at 1mA)** | $V_F$ | 0.37 (Max) | Volts (V) |
| **Reverse Current (at 25V)** | $I_R$ | 0.5 (Max) | Microamps (µA) |
---
### 2. Physical & Package Details
* **Package Type:** Usually comes in a **SOD-523** or similar ultra-small plastic mold package.
* **Mounting Type:** Surface Mount Device (SMD).
* **Polarity:** The cathode is typically indicated by a bar/band on the body of the part.
* **Lead Finish:** Lead-free (RoHS compliant).
---
### 3. Core Features
1. **Low Forward Voltage ($V_F$):** Because it is a Schottky diode, it has a much lower voltage drop compared to standard silicon diodes ($0.7V$). This results in higher efficiency and less heat generation.
2. **High Speed Switching:** It has very low junction capacitance, making it ideal for high-frequency signal detection and fast logic circuits.
3. **Small Form Factor:** The SOD-523 package is designed for high-density circuit boards, such as those found in smartphones and wearable tech.
---
### 4. Common Applications
* **Logic Circuits:** Used for signal clamping and protection.
* **Mobile Communication:** High-frequency rectification in RF circuits.
* **Battery Protection:** Preventing reverse current in low-power handheld devices.
* **DC-DC Converters:** Small-scale power conversion where high efficiency is required.
---
### 5. Identification (Marking Code)
The part number is often too long to be printed on the tiny package. Engineers look for a **Marking Code** (usually 2 or 3 characters) on the top of the component to verify it during PCB inspection. For this specific series, the marking is typically "5".
- ⤷What are the equivalent alternative parts for RB751V40L-CB2-R?
- ⤷ How does the junction capacitance of this diode affect high-frequency performance?
- ⤷ What is the recommended solder land pattern for the SOD-523 package?