Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • RBS-1F-R

  • AI
    The **RBS-1F-R** is a specific electronic component manufactured by **Nidec Components (formerly Copal Electronics)**. It belongs to the RBS series of **Recoil-Base Tilt Sensors**. These sensors are designed to detect orientation or movement through a non-mercury based mechanism. --- ### 1. General Specifications The RBS-1F-R is a surface-mount (SMD) device. Below are the primary technical characteristics: | Feature | Specification | | :--- | :--- | | **Type** | Tilt Sensor (Non-contact/Photo-interrupter) | | **Mounting Type** | Surface Mount (SMD) | | **Operating Angle** | ±10° to ±45° (Depending on axis) | | **Output Type** | Digital (High/Low) | | **Max Current** | 20mA | | **Operating Temp** | -25°C to +80°C | --- ### 2. Internal Mechanism and Working Principle Unlike older tilt switches that used liquid mercury, the RBS-1F-R utilizes an **Optical (Photo-interrupter)** system. * **Infrared LED:** Acts as the light source. * **Photo-transistor:** Acts as the detector. * **The Ball:** A small, metallic ball sits inside a cavity. When the device is tilted, the ball moves, either blocking or unblocking the infrared light path between the LED and the photo-transistor. * **Logic:** * **Horizontal:** The ball blocks the light (Output is OFF). * **Tilted:** The ball rolls away, allowing light to reach the transistor (Output is ON). --- ### 3. Key Electronic Benefits 1. **Environmentally Friendly:** Being "Mercury-free" makes it compliant with modern RoHS regulations. 2. **Chipping Resistance:** The "R" in the part number usually refers to the packaging or a specific revision geared toward improved soldering reliability. 3. **High Reliability:** Since it uses an optical sensor rather than a mechanical contact switch, there is no "contact bounce" or oxidation of metal pins over time. --- ### 4. Typical Application Circuit The sensor is treated like a standard photo-interrupter. You must use a current-limiting resistor for the LED and a pull-up/pull-down resistor for the transistor output. ```cpp // Example: Basic Logic for Microcontroller if (digitalRead(TILT_PIN) == HIGH) { // Device is tilted beyond the threshold triggerAlarm(); } ``` --- ### 5. Common Use Cases * **Screen Rotation:** Detecting if a handheld device is in portrait or landscape mode. * **Safety Cut-off:** Turning off heaters or irons if they tip over to prevent fires. * **Anti-theft:** Detecting if a stationary object (like a vending machine) is being moved or tampered with.
    ✨ Follow-up Questions
    • ⤷ What are the specific soldering temperature requirements for the RBS-1F-R?
    • ⤷ How does the sensitivity of this optical sensor compare to a ball-contact tilt switch?
    • ⤷ What is the typical power consumption of the internal LED?