Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • REF02CESA

  • AI
    ### Technical Overview of the REF02CESA The **REF02CESA** is a precision voltage reference integrated circuit (IC) widely used in analog-to-digital converters (ADCs), digital-to-analog converters (DACs), and instrumentation. It provides a stable **+5V output** with low power consumption and high temperature stability. --- ### Key Specifications Below are the primary electrical characteristics for the REF02CESA variant: | Parameter | Value / Specification | | :--- | :--- | | **Output Voltage ($V_{OUT}$)** | +5.0 V | | **Input Voltage Range ($V_{IN}$)** | 8.0 V to 33 V | | **Initial Accuracy** | ±0.3% (typical) | | **Temperature Coefficient** | 8.5 ppm/°C (max) | | **Quiescent Current** | 1.4 mA (max) | | **Operating Temp Range** | -40°C to +85°C (Industrial) | | **Package Type** | 8-Lead SOIC (Small Outline IC) | --- ### Internal Functional Blocks The device is composed of several critical electronic stages that ensure its precision: 1. **Bandgap Reference Core:** The heart of the chip, utilizing the energy gap of silicon to produce a stable voltage regardless of temperature fluctuations. 2. **Output Buffer:** A high-gain operational amplifier that provides a low-impedance output, allowing the device to drive loads up to 10mA without significant voltage drops. 3. **Trim Terminal (TEMP):** A unique feature of the REF02 is the "TEMP" pin. The voltage at this pin is proportional to the absolute temperature (PTAT), meaning it can be used as a **temperature sensor** (approx. 2.1 mV/°K). 4. **Trim Adjustment:** The "TRIM" pin allows the user to fine-tune the output voltage slightly (±3%) using a potentiometer to calibrate the system. --- ### Pin Configuration (8-Lead SOIC) ```text REF02 Pinout +-----------+ N.C.| 1 8 | N.C. VIN | 2 7 | N.C. TEMP | 3 6 | VOUT GND | 4 5 | TRIM +-----------+ ``` * **Pin 2 ($V_{IN}$):** Input supply voltage. * **Pin 3 (TEMP):** Temperature output (linear voltage relative to temp). * **Pin 4 (GND):** Ground reference. * **Pin 5 (TRIM):** Input for adjusting the 5V output level. * **Pin 6 ($V_{OUT}$):** The regulated +5.0V output. --- ### Application Circuit Example To implement the REF02 in a basic circuit, minimal external components are required. A typical setup includes decoupling capacitors to reduce noise: ```python # Conceptual Connection Diagram # [Input 12V] -> Pin 2 (Vin) # [0.1uF Capacitor] -> Pin 2 to GND # [Output 5V] <- Pin 6 (Vout) # [10uF Capacitor] -> Pin 6 to GND # [GND] -> Pin 4 ``` --- ### Advantages and Use Cases * **High Stability:** Excellent for battery-powered instruments where the input voltage might drop over time. * **Dual Functionality:** Serves as both a voltage reference and a thermometer. * **Low Noise:** Ideal for 12-bit and 14-bit data acquisition systems where signal integrity is paramount.
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the output voltage using the TRIM pin?
    • ⤷ What are the specific differences between the CES and CP versions of the REF02?
    • ⤷ Can the REF02 be used as a current source instead of a voltage reference?