RH2012M100CS
AI

The **RH2012M100CS** is a specific part number typically associated with a **Surface Mount Device (SMD) Power Inductor**. Components with this naming convention are common in power management circuits where high current and low resistance are required.
Below is a detailed breakdown of the electronic specifications and characteristics of this part.
---
### 1. Specification Overview
The part number can be decoded based on standard manufacturer naming conventions (often used by brands like Chilisin or similar magnetic component specialists).
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | SMD Power Inductor | Used for energy storage and filtering. |
| **Inductance** | 10 $\mu$H | The "100" in the code represents $10 \times 10^0$. |
| **Tolerance** | $\pm$20% | Indicated by the "M" suffix. |
| **Case Size** | 2012 (Metric) | Dimensions of approx. 2.0mm x 1.25mm. |
| **Core Material** | Ferrite / Metal Alloy | Designed for high saturation current. |
---
### 2. Key Features
* **Low Profile:** The "2012" size makes it ideal for compact consumer electronics like smartphones and tablets.
* **High Current Handling:** Despite its small footprint, it is engineered to handle significant DC currents without saturating the magnetic core.
* **Magnetically Shielded:** Often features a shielded construction to minimize Electromagnetic Interference (EMI) with surrounding components.
* **Low DC Resistance (DCR):** Optimized to reduce power loss (heat) during operation.
---
### 3. Common Applications
This component is primarily used in **DC-DC Converter** circuits. Its role is to smooth out voltage ripples and store energy during the switching cycles of a power supply.
* **Smartphones & Wearables:** Power management units (PMICs).
* **IoT Modules:** Providing stable voltage for low-power sensors.
* **SSD Controllers:** Managing power rails for high-speed data storage.
* **LCD Displays:** Used in the driver circuits for backlighting or panel power.
---
### 4. Technical Equivalent & Identification
If you are looking for this part on a PCB, it will appear as a small, usually grey or black square/rectangular chip with two metallic terminals.
```yaml
Part_Number_Logic:
RH: Series Name (High Current/Shielded)
2012: Dimensions (2.0mm x 1.25mm)
M: Tolerance (+/- 20%)
100: Inductance Value (10uH)
CS: Packaging/Special Code (e.g., Taping and Reel)
```
---
- ⤷
What is the maximum saturation current for the RH2012M100CS?
- ⤷ Can this inductor be replaced with a 2012 10uH part from another manufacturer?
- ⤷ How does the 'M' tolerance impact performance in a switching regulator?