RK1-12V
AI

The **RK1-12V** is a high-sensitivity, subminiature signal relay manufactured by Panasonic (formerly Matsushita/National). It is widely used in telecommunications, audio equipment, and medical instrumentation due to its compact size and low power consumption.
---
### ## 1. Technical Specifications
Below are the primary electronic characteristics of the RK1-12V relay:
| Parameter | Specification |
| :--- | :--- |
| **Coil Voltage (Nominal)** | 12V DC |
| **Contact Form** | 1 Form C (SPDT - Single Pole Double Throw) |
| **Contact Rating (Resistive)** | 0.5A @ 125V AC / 1A @ 30V DC |
| **Coil Power Consumption** | Approx. 150 mW to 200 mW |
| **Coil Resistance** | ~720 $\Omega$ (standard sensitivity) |
| **Pick-up Voltage** | Max 75% of nominal (9V) |
| **Drop-out Voltage** | Min 10% of nominal (1.2V) |
| **Mounting Type** | Through-hole (PCB) |
---
### ## 2. Internal Components & Operation
The RK1-12V consists of three main electronic/mechanical sections:
1. **The Coil:** An electromagnetic copper winding. When 12V is applied, it creates a magnetic field that pulls the armature.
2. **The Contacts:** Made of **Gold-clad silver-palladium**. This coating ensures low contact resistance and prevents oxidation, making it ideal for switching "dry circuits" (very low current signals).
3. **The Armature/Spring:** A mechanical mechanism that switches the common pin between the **Normally Closed (NC)** and **Normally Open (NO)** positions.
---
### ## 3. Key Electronic Features
* **High Sensitivity:** Its low power consumption allows it to be driven by simple transistor circuits or even some high-current IC outputs.
* **High Breakdown Voltage:** Despite its small size, it typically offers high surge resistance between contacts and coil (usually around 1500V FCC).
* **Polarity:** Note that most RK series relays are **polarized**. This means the positive (+) and negative (-) terminals of the coil must be connected correctly for the relay to actuate.
---
### ## 4. Common Applications
* **Telecommunications:** Signal switching in modems or phone lines.
* **Audio Gear:** Input selectors or mute circuits in high-fidelity amplifiers.
* **Test Equipment:** Switching measurement probes in automated test environments.
- ⤷
What is the pinout configuration for the RK1-12V?
- ⤷ Can I use a flyback diode with this relay
- ⤷ and where should it be placed?
- ⤷ How does the 'polarized' nature of this relay affect circuit design?