Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • RL1220-4S-R080F

  • AI
    ## RL1220-4S-R080F: Technical Overview The **RL1220-4S-R080F** is a specialized electronic component manufactured by **Susumu**. It belongs to the **RL series**, which are high-precision, low-resistance chip resistors specifically designed for current sensing applications. --- ### Key Specifications Below is a breakdown of the technical parameters for this specific part number: | Parameter | Value | Description | | :--- | :--- | :--- | | **Resistance** | $0.08 \Omega$ ($80 m\Omega$) | The nominal resistance value. | | **Tolerance** | $\pm 1\%$ (F) | The allowable variance from the nominal resistance. | | **Power Rating** | $1/3 W$ (0.33 Watts) | The maximum power the resistor can dissipate. | | **Case Size** | 0805 (Metric 2012) | Standard surface mount dimensions ($2.0 \times 1.25$ mm). | | **TCR** | $0 \sim +350$ ppm/°C | Temperature Coefficient of Resistance. | | **Series** | RL Series | Low resistance, long-side terminal type. | --- ### Internal Structure and Material This part is a **Thin Film** resistor. Unlike standard thick film resistors, thin film technology allows for: 1. **Lower Noise:** Reduced electrical noise in the circuit. 2. **Stability:** Better performance over time and varying temperatures. 3. **Accuracy:** High precision in low-ohmic values (less than $1 \Omega$). --- ### Typical Applications The RL1220-4S-R080F is primarily used for **Current Sensing**. Because it has a very low resistance, it is placed in series with a load to measure current flow by monitoring the voltage drop across it ($V = I \times R$). * **Power Management:** DC-DC converters and switching power supplies. * **Battery Monitoring:** Tracking charge/discharge cycles in mobile devices. * **Motor Control:** Detecting over-current conditions to protect circuits. * **Automotive Electronics:** Sensors and control units. --- ### Part Number Breakdown The part number follows a specific nomenclature used by Susumu: | Segment | Meaning | | :--- | :--- | | **RL** | Series Name (Low Resistance Chip Resistors) | | **1220** | Case Size ($1.2 \times 2.0$ mm) | | **4S** | Power Rating Code (denotes $1/3$ Watt for this size) | | **R080** | Resistance Value ($R = \text{Decimal point}$, so $0.080\Omega$) | | **F** | Tolerance ($\pm 1\%$) | ---
    ✨ Follow-up Questions
    • ⤷What is the difference between thin film and thick film resistors in current sensing?
    • ⤷ How do I calculate the voltage drop across this resistor at maximum power?
    • ⤷ Are there automotive-grade (AEC-Q200) versions of the RL series?