Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • RL1220-4S-R080G

  • AI
    ## Technical Overview of RL1220-4S-R080G The **RL1220-4S-R080G** is a specialized high-precision current sensing resistor manufactured by **Susumu**. It belongs to the RL series, which is designed for high-stability performance in power management circuits. ### 1. Part Number Breakdown Understanding the nomenclature helps identify the exact specifications of the component: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **RL** | Series Name | Low resistance chip resistor | | **1220** | Case Size | 0805 Imperial (2.0mm x 1.25mm) | | **4S** | Terminal Style | Long-side terminal (High power/Heat dissipation) | | **R080** | Resistance Value | 0.080 $\Omega$ (80 m$\Omega$) | | **G** | Tolerance | $\pm$2% | --- ### 2. Key Specifications This resistor is engineered for accuracy and heat management. Below are the primary electrical characteristics: | Parameter | Value | | :--- | :--- | | **Resistance** | 80 m$\Omega$ | | **Power Rating** | 0.5W (1/2 Watt) | | **Tolerance** | $\pm$2% | | **Temperature Coefficient (TCR)** | 0 ~ +200 ppm/°C | | **Operating Temperature** | -55°C to +125°C | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 3. Core Features and Construction * **Metal Foil Technology:** Unlike standard thick-film resistors, the RL series uses a thin-film/metal foil construction. This ensures a lower noise floor and higher stability over time. * **Current Sensing:** Because of its very low resistance (80 m$\Omega$), it is used to measure current flow by measuring the voltage drop across it ($V = I \times R$). * **Short-side Terminal Design:** The "4S" designation indicates a specific terminal configuration that allows for better heat dissipation and lower parasitic inductance compared to standard 0805 resistors. --- ### 4. Common Applications These parts are typically found in power electronics where monitoring current is critical: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge rates in Li-ion batteries. 2. **DC-DC Converters:** Providing feedback loops for voltage regulation and overcurrent protection. 3. **Motor Controllers:** Sensing the phase current to manage motor torque and speed. 4. **Mobile Devices:** Power management in smartphones and laptops to extend battery life.
    ✨ Follow-up Questions
    • ⤷ How does the '4S' terminal style improve performance compared to standard terminals?
    • ⤷ What are the alternatives if I need a tighter tolerance than the 'G' (2%) rating?
    • ⤷ How do I calculate the maximum current this resistor can handle based on its 0.5W power rating?