AI

The **RSC-R1U** is a high-performance 1U rackmount server chassis manufactured by AIC (Advanced Industrial Computer). It is designed specifically for high-density storage and networking applications.
Below is a detailed breakdown of its electronic components and hardware specifications.
---
### 1. Key Electronic Components
The "electronic parts" of the RSC-R1U refer to the internal PCBs, power distribution systems, and connectivity modules.
| Component | Description |
| :--- | :--- |
| **Backplane** | A high-speed PCB that connects hard drives to the motherboard/controller. Usually supports 12Gb/s SAS3 or NVMe protocols. |
| **Power Supply (PSU)** | Typically features 1+1 redundant 80 Plus Platinum/Titanium units to ensure zero downtime. |
| **Power Distribution Board (PDB)** | Manages the routing of high-voltage power from the PSUs to the motherboard, backplane, and fans. |
| **Fan Control Modules** | PWM-controlled high-speed fans (40mm or 60mm) managed via the motherboard's BMC (Baseboard Management Controller). |
| **Front Panel I/O** | Includes status LEDs (Power, HDD, Network, System Fail), power switch, and USB 3.0 ports. |
---
### 2. Technical Specifications
The RSC-R1U series typically supports the following hardware configurations:
#### **Storage Architecture**
* **Drive Bays:** Usually configured for 4 x 3.5" Hot-swap bays or 10 x 2.5" Hot-swap bays.
* **Interface:** Supports SAS, SATA, and NVMe (depending on the specific backplane version installed).
#### **Motherboard Compatibility**
* **Form Factor:** Supports Extended ATX (E-ATX) or ATX motherboards.
* **Expansion Slots:** Utilizes "Riser Cards" to allow full-height or half-height PCIe cards to sit horizontally in the 1U space.
#### **Cooling System**
* Equipped with a "Fan Wall" (multiple high-static pressure fans) located between the drive bays and the motherboard to ensure linear airflow.
---
### 3. Electronic Protection & Management
The RSC-R1U integrates several safety features into its circuitry:
1. **Hot-Swap Protection:** The backplane includes capacitors to prevent power surges when drives are plugged in while the system is running.
2. **I2C / SES Management:** The backplane communicates with the motherboard via I2C or SES (SCSI Enclosure Services) to report drive health and temperature.
3. **Redundancy:** The electronic pathing is designed so that if one PSU or fan fails, the system continues to operate at full capacity.
---
- ⤷
What are the specific backplane options available for the RSC-R1U?
- ⤷ Which motherboards are officially validated for use in this chassis?
- ⤷ How do I configure the redundant power supply for PMBus communication?