RT-100A-R
AI

The **RT-100A-R** typically refers to a high-performance **Fiber Optic Receiver** module (often associated with brands like Ruby or specialized industrial telecommunication suppliers). These devices are designed to convert optical signals back into electrical signals.
Below is a breakdown of the electronic components and technical specifications characteristic of this module.
### 1. Core Electronic Architecture
The internal circuitry of the RT-100A-R is generally divided into three main stages:
| Stage | Component | Function |
| :--- | :--- | :--- |
| **Input Stage** | PIN Photodiode | Detects incoming light (photons) and converts it into a weak electrical current. |
| **Amplification** | Transimpedance Amplifier (TIA) | Converts the low-level current from the photodiode into a usable voltage signal. |
| **Output Stage** | Quantizer / Buffer | Reshapes the signal to ensure it meets standard logic levels (TTL/CMOS) for the host PCB. |
---
### 2. Technical Specifications
The "R" suffix specifically denotes the **Receiver** unit in a transceiver pair. Its electronic performance is defined by the following parameters:
* **Operating Wavelength:** Usually optimized for **650nm** (Red Light) when used with Plastic Optical Fiber (POF).
* **Data Rate:** Typically supports speeds up to **10 Mbps - 50 Mbps**, depending on the specific revision.
* **Supply Voltage ($V_{cc}$):** Generally operates on a standard **+5V** DC rail.
* **Sensitivity:** High sensitivity to ensure low Bit Error Rates (BER) even over maximum fiber lengths (typically up to 50 meters).
---
### 3. Pinout Configuration
Most modules in this series utilize a standard 3-pin or 4-pin SIP (Single In-line Package) layout:
| Pin Number | Label | Description |
| :--- | :--- | :--- |
| 1 | **Vcc** | Positive Power Supply (+5V) |
| 2 | **GND** | Ground Reference |
| 3 | **Data Out** | The recovered electrical digital signal |
| 4 | **NC/Shield** | Not Connected or Case Ground (optional) |
---
### 4. Key Electronic Features
* **Integrated Shielding:** The internal components are often housed in a metal-shielded case to prevent Electromagnetic Interference (EMI) from disrupting the high-speed data.
* **TTL Compatibility:** The output is directly compatible with microcontrollers (like Arduino/ESP32) and standard logic gates without needing additional level shifters.
* **Automatic Gain Control (AGC):** Many versions include internal AGC to handle varying strengths of incoming light without saturating the circuit.
---
### 5. Application Context
The RT-100A-R is commonly found in:
1. **Industrial Automation:** Isolation of control signals in high-voltage environments.
2. **Audio Equipment:** Digital audio transmission (TOSLINK-style protocols).
3. **Medical Equipment:** Providing galvanic isolation between patients and high-voltage power sources.
- ⤷
What is the maximum data transmission distance for the RT-100A-R?
- ⤷Can the RT-100A-R be used with Single-Mode glass fiber?
- ⤷What is the difference between the RT-100A-R and the RT-100A-T?