AI

The **RT-100E-R** is a high-performance, single-port industrial serial device server (often associated with brands like EtherWAN or specialized industrial communication providers). Its primary function is to bridge serial devices (RS-232/422/485) to an Ethernet network.
Below is a breakdown of its electronic components and hardware specifications.
---
## 1. Core Electronic Components
The device is built with industrial-grade circuitry to ensure stability in harsh environments.
| Component Type | Description |
| :--- | :--- |
| **Processor (MCU)** | Typically features a 32-bit ARM-based RISC processor to handle TCP/IP stack processing and serial data buffering. |
| **Memory** | Includes onboard **SDRAM** for operational data and **Flash Memory** for firmware storage and configuration settings. |
| **Ethernet Controller** | 10/100 Mbps auto-sensing controller with 1.5KV magnetic isolation protection. |
| **Serial Transceivers** | Multi-protocol transceivers supporting RS-232, RS-422, and 2/4-wire RS-485. |
| **Power Regulator** | Wide-range DC-DC converter to handle fluctuating industrial power inputs (typically 9-48VDC). |
---
## 2. Interface Specifications
The RT-100E-R utilizes specific pinouts and connectors to interface with various electronic systems.
### A. Serial Port (DB9 Male)
The serial port is software-configurable. The electronic signals include:
* **RS-232:** TxD, RxD, RTS, CTS, DTR, DSR, DCD, GND.
* **RS-485:** Data+, Data- (2-wire) or Rx+, Rx-, Tx+, Tx- (4-wire).
### B. Ethernet Port (RJ45)
* Standard 8-pin RJ45.
* Built-in LEDs for **Link/Activity** and **Speed** status.
---
## 3. Physical & Environmental Electronics
| Feature | Specification |
| :--- | :--- |
| **Isolation** | 15KV ESD protection for all serial signals. |
| **Power Consumption** | Low power design, typically consuming < 3W. |
| **Mounting** | DIN-Rail or Wall mountable metal chassis for heat dissipation. |
| **Diagnostic LEDs** | Ready (System), Link/Act (Ethernet), Tx/Rx (Serial Data). |
---
## 4. Operational Logic (Block Diagram)
```mermaid
graph LR
A[Serial Device] -- RS-232/485 Signals --> B[Serial Transceiver]
B --> C[Microprocessor]
C -- Packetization --> D[Ethernet Controller]
D -- RJ45 --> E[Network/Switch]
```
### Key Electronic Features for Reliability:
1. **Watchdog Timer:** A hardware circuit that automatically reboots the processor if the software freezes.
2. **Surge Protection:** Built-in protection against voltage spikes on the power line and data lines.
3. **Flow Control:** Supports Hardware (RTS/CTS) and Software (XON/XOFF) flow control to prevent data loss in the buffer.
- ⤷
What are the specific pinouts for the RS-485 mode on the RT-100E-R?
- ⤷ How do I configure the baud rate for this device?
- ⤷ Does this model support Modbus Gateway functionality?