Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • RTS-3BC-R/E

  • AI
    ## Analysis of the RTS-3BC-R/E Electronic Component The **RTS-3BC-R/E** is a specific model within the series of **Rotary Dips** or **Rotary Coded Switches**, typically manufactured by companies like **Copals Electronics (Nidec)** or similar precision component vendors. These are used to set binary values or configuration parameters on a PCB without the need for external software tools. ### 1. General Specifications The "RTS" series generally represents a subminiature rotary selector switch. Below is a breakdown of the typical technical characteristics for this specific variant: | Feature | Specification | | :--- | :--- | | **Type** | Rotary Coded Switch | | **Code Type** | Binary Coded Decimal (BCD) or Real Code | | **Positions** | 10 Positions (0-9) | | **Actuator Style** | Recessed (usually slotted for screwdriver) | | **Mounting Type** | Through-hole (R/E often denotes Right-angle or specific lead forming) | | **Contact Rating** | 100mA @ 5V DC (Switching), 100mA @ 50V DC (Non-switching) | | **Operating Temp** | -25°C to +70°C | --- ### 2. Part Number Breakdown While manufacturer coding can vary slightly, the suffix **R/E** usually provides specific mechanical details: * **RTS**: Series designation (Rotary Terminal Switch). * **3**: Often refers to the size or internal design revision (e.g., 7mm or 10mm square). * **BC**: **B**inary **C**oded. This means the output pins provide a binary representation of the dial position. * **R/E**: * **R**: Can indicate **Right Angle** orientation, where the dial faces the side of the board. * **E**: Often denotes **Tape & Reel** packaging or a specific **Environmental** sealing rating (like IP67). --- ### 3. Pin Configuration and Truth Table For a BCD coded switch, there are typically 5 pins: 1 Common (C) and 4 output bits ($2^0, 2^1, 2^2, 2^3$). | Dial Position | Common to Pin 1 (1) | Common to Pin 2 (2) | Common to Pin 4 (4) | Common to Pin 8 (8) | | :--- | :--- | :--- | :--- | :--- | | **0** | OFF | OFF | OFF | OFF | | **1** | **ON** | OFF | OFF | OFF | | **2** | OFF | **ON** | OFF | OFF | | **3** | **ON** | **ON** | OFF | OFF | | **...** | ... | ... | ... | ... | | **9** | **ON** | OFF | OFF | **ON** | --- ### 4. Common Applications These parts are used in hardware where "set and forget" configuration is required: * **Industrial Controls:** Setting Modbus or CAN bus node IDs. * **Telecommunications:** Configuring frequency bands or hardware addresses. * **Consumer Electronics:** Setting region codes or internal hardware modes. * **Medical Equipment:** Calibrating sensor gain levels at the factory level. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between BCD and Gray code in these switches?
    • ⤷ How do I interpret the 'R/E' suffix if the manufacturer is Nidec Copal?
    • ⤷ What are the recommended soldering profiles for this component?