Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • RTS-4D2-R/E

  • AI
    The **RTS-4D2-R/E** is a high-performance **Optical Through-Beam Sensor** commonly used in industrial automation for object detection. It is designed to operate in challenging environments where precision and reliability are required. Below is a breakdown of its electronic components, specifications, and wiring details. --- ## 1. Core Technical Specifications The system consists of two main electronic units: the **Emitter (E)** and the **Receiver (R)**. | Feature | Specification | | :--- | :--- | | **Sensing Method** | Through-beam (Opposed) | | **Sensing Distance** | Up to 10 meters (standard) | | **Light Source** | Infrared LED (Modulated) | | **Supply Voltage** | 12 to 24V DC (±10% ripple) | | **Current Consumption** | Emitter: ~20mA / Receiver: ~25mA | | **Output Type** | NPN or PNP Open Collector (depending on specific sub-model) | | **Response Time** | Max 1ms | | **Housing Material** | ABS Plastic or Nickel-plated Brass | --- ## 2. Electronic Components Breakdown ### A. The Emitter (RTS-4D2-E) The emitter's primary function is to project a stable, modulated light beam. * **Oscillator Circuit:** Generates a specific frequency (pulsed) to drive the LED. This prevents interference from ambient light (sunlight or room lamps). * **Infrared LED:** Converts electrical energy into a high-intensity IR beam. * **Indicator LED:** Usually a green LED to indicate that the unit is powered on. ### B. The Receiver (RTS-4D2-R) The receiver is the "brain" that detects the presence or absence of the beam. * **Phototransistor/Photodiode:** Captures the IR light and converts it back into an electrical signal. * **Band-pass Filter:** Digitally filters the incoming signal to ensure it only reacts to the specific frequency sent by the emitter. * **Amplifier Circuit:** Boosts the weak signal from the photodiode. * **Switching Logic:** Determines the output state (Light-ON or Dark-ON). * **Output Transistor:** An Open Collector transistor that acts as a solid-state switch to trigger a PLC or relay. --- ## 3. Wiring and Pinout The device typically uses a standard 3-wire or 4-wire color-coding scheme: ```markdown Brown : Positive Supply (+V) 12-24VDC Blue : Negative/Common (0V) Black : Control Output (Signal) White : Mode Selection (Light-ON / Dark-ON toggle) ``` --- ## 4. Key Electronic Features 1. **Mutual Interference Prevention:** The electronics are designed so that multiple pairs of sensors can be placed near each other without the IR beams "confusing" the receivers. 2. **Short-Circuit Protection:** Most R/E models include internal protection to prevent the output transistor from burning out if the signal wire is accidentally grounded. 3. **Sensitivity Adjustment:** Often includes a multi-turn potentiometer to tune the detection threshold for transparent or semi-opaque objects. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP output in the RTS-4D2 series?
    • ⤷ How do I wire the White wire to change from Light-ON to Dark-ON mode?
    • ⤷ What is the IP rating for this sensor in wet environments?