Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • RWS600B-12-RFO

  • AI
    The **TDK-Lambda RWS600B-12/RFO** is a high-reliability, industrial-grade AC-DC power supply. This specific model belongs to the RWS-B series, known for its compact size, high efficiency, and conservative thermal design. ### Technical Specifications Overview | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 12V DC | | **Maximum Power** | 600W | | **Input Voltage Range** | 85 - 265V AC (Universal Input) | | **Efficiency** | 86% - 89% (typical) | | **Cooling** | Internal Fan Cooling | | **Operating Temperature** | -10°C to +70°C | --- ### Breakdown of Model Suffixes (/RFO) The suffix in the model number denotes specific factory-installed options: 1. **/R**: **Remote On/Off**. This allows the user to turn the main output on or off using an external signal (5V-24V) without disconnecting the AC input. 2. **/FO**: **Fan Alarm (Fan Fail)**. This provides an open-collector signal that activates if the internal cooling fan stops or drops below a certain RPM, preventing thermal damage. --- ### Key Electronic Components & Features #### 1. Input Section (PFC) * **Active Power Factor Correction:** It uses an active PFC circuit to ensure a power factor of 0.98 or higher, reducing harmonic distortion and complying with IEC61000-3-2 standards. * **Inrush Current Limiting:** Includes a thermistor/relay circuit to prevent high current spikes when the unit is first plugged in. #### 2. Switching & Control * **PWM Controller:** High-frequency pulse width modulation ensures stable voltage regulation even under varying loads. * **Power MOSFETs:** High-efficiency silicon transistors manage the high-speed switching to minimize heat dissipation. #### 3. Protection Circuitry * **Overcurrent Protection (OCP):** Constant current limiting with automatic recovery. * **Overvoltage Protection (OVP):** Shuts down the output if the voltage exceeds approximately 115-140% of the nominal rating. * **Thermal Protection:** Sensors monitor the heat sink temperature and shut down the unit if safe limits are exceeded. #### 4. Output Section * **Electrolytic Capacitors:** The RWS-B series uses high-quality capacitors rated for long life (typically 10 years+ under normal operating conditions). * **Voltage Adjustment Potentiometer:** Located near the terminals, allowing for fine-tuning of the 12V output (typically ±10%). --- ### Physical Interface The unit uses **Screw Terminal blocks** for both AC input and DC output. The control signals (Remote On/Off and Fan Alarm) are typically accessed via a smaller separate connector (often a JST type).
    ✨ Follow-up Questions
    • ⤷ How do I wire the Remote On/Off signal for this power supply?
    • ⤷ What is the expected MTBF (Mean Time Between Failures) for the RWS600B series?
    • ⤷ Can this power supply be connected in parallel for higher current?