Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • S35A

  • AI
    The **S35A** typically refers to a specific series of high-performance **Schottky Barrier Rectifiers**. These components are widely used in power management circuits due to their efficiency and speed. --- ## 1. Core Technical Specifications The "S35A" designation usually indicates a **35 Ampere** current rating. Below are the typical parameters for this electronic part: | Parameter | Value (Typical) | Unit | | :--- | :--- | :--- | | **Forward Current ($I_F$)** | 35 | Amps | | **Max. Peak Reverse Voltage ($V_{RRM}$)** | 50 - 1000 (Varies by suffix) | Volts | | **Forward Voltage Drop ($V_F$)** | ~0.55 to 0.95 | Volts | | **Operating Temperature** | -55 to +150 | °C | | **Package Type** | TO-220AB / ITO-220AB | - | --- ## 2. Key Electronic Features * **Low Forward Voltage Drop:** This is the hallmark of the S35A Schottky diode. It reduces power loss and heat generation during conduction compared to standard silicon diodes. * **High Switching Speed:** Because it is a Schottky diode, it has a negligible reverse recovery time ($t_{rr}$), making it ideal for high-frequency applications. * **Guard Ring Construction:** Most S35A models feature a guard ring for overvoltage protection and high reliability. * **High Surge Capacity:** Designed to handle high momentary current spikes (Non-repetitive peak forward surge). --- ## 3. Typical Applications The S35A is commonly found in the following electronic environments: ### A. Power Supplies Used in **Switched-Mode Power Supplies (SMPS)** as output rectifiers to convert high-frequency AC back to DC efficiently. ### B. Protection Circuits * **Freewheeling Diodes:** Used to protect circuits from inductive kicks in motor controllers. * **Polarity Protection:** Prevents damage if a battery or power source is connected backward. ### C. Renewable Energy Often utilized in **Solar Inverters** and battery charging systems where low energy loss is critical for system efficiency. --- ## 4. Connection Diagram (Schematic) The S35A is a two-terminal device (though sometimes packaged in a 3-pin TO-220 where two pins are tied together). ```mermaid graph LR A[Anode +] ---|>| B[Cathode -] ```
    ✨ Follow-up Questions
    • What is the difference between S35A and S35B models?
    • How does heat sinking affect the 35A current rating?
    • Can S35A be used in high-voltage AC rectification?