SB240L-SMB-R
AI

The **SB240L-SMB-R** is a specific type of electronic component known as a **Schottky Barrier Rectifier**. It is primarily used for power management, rectification, and protection in electronic circuits.
Below is a detailed breakdown of its specifications and characteristics.
### 1. Key Technical Specifications
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | Schottky Diode | High-speed switching diode |
| **Forward Current ($I_F$)** | 2.0 Amperes | Maximum average rectified current |
| **Reverse Voltage ($V_{RRM}$)** | 40 Volts | Maximum repetitive peak reverse voltage |
| **Forward Voltage Drop ($V_F$)** | ~0.45V - 0.50V | Low voltage drop for high efficiency |
| **Package Type** | SMB (DO-214AA) | Surface-mount plastic package |
| **Operating Temperature** | -55°C to +150°C | Standard industrial range |
---
### 2. Breakdown of the Part Number
The nomenclature provides specific information about the diode's construction:
* **SB:** Stands for **Schottky Barrier**.
* **240:** Represents **2 Amps** (Current) and **40 Volts** (Voltage).
* **L:** Often indicates **Low** $V_F$ (Low Forward Voltage) for better efficiency.
* **SMB:** Refers to the physical **Package Size** (Surface Mount Device).
* **R:** Usually indicates **RoHS Compliant** or **Tape & Reel** packaging.
---
### 3. Core Features and Advantages
* **Low Forward Voltage Drop:** Because it is a Schottky diode rather than a standard PN-junction diode, it loses less power as heat, making it ideal for battery-operated devices.
* **Fast Switching:** Schottky diodes have negligible reverse recovery time, allowing them to operate in high-frequency switching power supplies.
* **Guard Ring Construction:** Most "SB" series diodes feature a guard ring for transient protection and high reliability.
* **Surface Mount Design:** The SMB package is designed for automated pick-and-place assembly on PCBs.
---
### 4. Typical Applications
The SB240L is commonly found in the following circuits:
1. **DC-DC Converters:** Used as freewheeling diodes to maintain current flow when switches open.
2. **Polarity Protection:** Placed at power inputs to prevent damage if a battery or power supply is connected backward.
3. **AC-DC Rectification:** Converting low-voltage AC to DC in small adapters.
4. **ORing Diodes:** Used in redundant power supply systems to combine multiple power rails.
---
- ⤷
What is the difference between an SMB and an SMA package for this diode?
- ⤷ How does the 'Low Forward Voltage' (L) affect thermal management in a circuit?
- ⤷ Can I use an SB240L as a replacement for a standard 1N4001 diode?