Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • SCF020-1210-R

  • AI
    The **SCF020-1210-R** is a specific electronic component belonging to the **Surface Mount (SMD) PPTC (Polymeric Positive Temperature Coefficient)** family, commonly known as a Resettable Fuse. It is primarily used for overcurrent protection in compact electronic circuits. --- ### 1. Key Technical Specifications The part number follows a standard industry naming convention which defines its physical size and electrical ratings. | Parameter | Value / Detail | | :--- | :--- | | **Component Type** | PPTC Resettable Fuse | | **Package Size** | 1210 (EIA standard: 3.2 x 2.5 mm) | | **Hold Current ($I_{hold}$)** | 0.20 Amperes (200mA) | | **Trip Current ($I_{trip}$)** | ~0.40 Amperes to 0.50 Amperes | | **Max Voltage ($V_{max}$)** | Typically 30V - 60V (varies by manufacturer) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### 2. How it Works Unlike a traditional glass fuse that blows and must be replaced, the SCF020-1210-R is "resettable." 1. **Normal Operation:** The device has very low resistance, allowing current to flow to the load. 2. **Fault Condition:** If a short circuit or overcurrent occurs, the internal polymer heats up rapidly. 3. **Tripped State:** At a specific temperature, the polymer expands, the conductive carbon chains break, and the resistance increases exponentially, cutting off the current. 4. **Reset:** Once the fault is removed and the device cools down, the polymer contracts, restoring the conductive path. --- ### 3. Part Number Breakdown The nomenclature can be dissected as follows: * **SCF:** Series prefix (Specific to manufacturers like Semi-Conductor or similar). * **020:** Represents the Hold Current (0.20A). * **1210:** The physical footprint dimensions (0.12 x 0.10 inches). * **R:** Indicates RoHS compliance (Lead-free). --- ### 4. Common Applications Due to its small 1210 form factor and low current rating, this part is frequently found in: * **USB Ports:** Protection for peripherals. * **Battery Packs:** Preventing damage from short circuits. * **Motherboards:** Protecting logic gates and low-voltage rails. * **Sensors:** Safeguarding industrial or automotive sensor modules. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum interrupt current (Imax) for this specific fuse?
    • ⤷ How does ambient temperature affect the hold current of the SCF020-1210-R?
    • ⤷ Can this PPTC be used for high-voltage AC mains protection?