SE2436L-R
AI

### SE2436L-R: High-Performance ZigBee/Smart Energy Front-End Module
The **SE2436L-R** is a highly integrated Front-End Module (FEM) designed specifically for ZigBee, IEEE 802.15.4, and Smart Energy applications. It is manufactured by Skyworks Solutions and is optimized for battery-powered applications requiring high efficiency and long range.
---
### 1. Key Internal Components
The SE2436L-R integrates several critical radio frequency (RF) components into a single compact package:
| Component | Function |
| :--- | :--- |
| **Power Amplifier (PA)** | Boosts the output signal for high-power transmission. |
| **Low Noise Amplifier (LNA)** | Amplifies weak incoming signals while adding minimal noise. |
| **Transmit/Receive (T/R) Switch** | Switches the antenna between the transmit and receive paths. |
| **Matching Networks** | Ensures impedance matching (50 $\Omega$) for maximum power transfer. |
| **Harmonic Filter** | Suppresses unwanted frequency emissions to meet regulatory standards. |
---
### 2. Technical Specifications
Below are the primary electrical characteristics of the device:
| Parameter | Value |
| :--- | :--- |
| **Frequency Range** | 2.4 GHz to 2.483 GHz |
| **Operating Voltage ($V_{CC}$)** | 2.0V to 3.6V |
| **Output Power ($P_{OUT}$)** | Up to +24 dBm (at 3.0V) |
| **Receive Gain** | ~12 dB |
| **Receive Noise Figure** | 2.0 dB (typical) |
| **Sleep Current** | < 1 $\mu$A |
---
### 3. Functional Logic and Control
The module is controlled via two digital pins (**CTX** and **CPS**) which define the state of the FEM.
```c
// Simplified Logic State Table
// CTX | CPS | Mode
// ----|-----|-------------------
// 0 | 0 | Sleep Mode
// 0 | 1 | Receive (LNA) Mode
// 1 | X | Transmit (PA) Mode
```
---
### 4. Typical Application Circuit
In a hardware design, the SE2436L-R is placed between the SoC (System on Chip) and the Antenna.
1. **RF_IN:** Connects to the ZigBee transceiver output.
2. **ANT:** Connects to the 2.4GHz antenna via a matching circuit.
3. **VCC/VDD:** Requires decoupling capacitors (typically 10pF and 1µF) to minimize power supply noise.
4. **Control Pins:** Usually connected to the GPIOs of a microcontroller (like an EFR32 or CC2538).
---
### 5. Benefits of Using SE2436L-R
* **Reduced Footprint:** Replaces multiple discrete components with one 3x4mm QFN package.
* **Battery Efficiency:** Low current consumption in receive and sleep modes extends battery life in smart meters/sensors.
* **Ease of Design:** The internal matching simplifies the RF layout process for engineers.
- ⤷
What are the layout requirements for the thermal pad on the SE2436L-R?
- ⤷ How does the output power change when operating at 2.0V versus 3.6V?
- ⤷ Is the SE2436L-R pin-compatible with other Skyworks FEMs?