Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • SE2576L-R

  • AI
    ## Overview of the SE2576L-R The **SE2576L-R** is a high-power 802.11b/g/n WLAN Power Amplifier (PA) manufactured by Skyworks Solutions. It is specifically designed for the 2.4 GHz ISM band and is commonly integrated into wireless access points, routers, and high-performance network interface cards. --- ### Key Technical Specifications The following table outlines the primary electrical and physical characteristics of the SE2576L-R: | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 2.4 GHz – 2.5 GHz | | **Protocol Support** | 802.11b, 802.11g, 802.11n | | **Output Power (Pout)** | +26 dBm (802.11g/n) / +30 dBm (802.11b) | | **Operating Voltage (Vcc)** | 3.3V to 5.0V | | **Gain** | ~33 dB | | **Package Type** | 16-pin QFN (3mm x 3mm x 0.9mm) | | **Logic Control** | Integrated Enable pin (Digital CMOS) | --- ### Internal Functional Blocks The SE2576L-R is more than just a single transistor; it is a multi-stage integrated circuit containing several critical components: 1. **Three-Stage Amplifier:** Uses a cascaded design to provide high gain (33 dB), allowing it to amplify low-level signals from the Wi-Fi transceiver to high transmission power. 2. **Input/Output Matching:** Internally matched to 50 $\Omega$ to minimize the need for external tuning components and to simplify PCB design. 3. **Power Detector:** Features a temperature-compensated linear power detector that provides a feedback voltage proportional to the output power, ensuring stable performance across environments. 4. **Bias Control:** Integrated circuitry to manage the "ON/OFF" state, reducing current consumption when the device is not transmitting. --- ### Implementation Details When designing a PCB for the SE2576L-R, engineers typically use a specific layout strategy. Below is a conceptual representation of the pin-out and required external components: ```c // Typical Interface Logic PIN 1 [Vcc1] -> 3.3V/5.0V Supply (Decoupled) PIN 3 [RFin] -> From Transceiver (AC Coupled) PIN 10 [RFout] -> To Antenna/Filter (AC Coupled) PIN 12 [Vdet] -> Analog feedback to MCU/Transceiver PIN 13 [VEN] -> Logic HIGH (Enable) / Logic LOW (Sleep) ``` #### Design Considerations: * **Thermal Management:** The center pad of the QFN package must be soldered to a ground plane with multiple thermal vias to dissipate heat generated during high-power transmission. * **Decoupling:** Low-ESR capacitors are required on the Vcc pins to prevent RF noise from entering the power supply rails. --- ### Common Applications * **Wi-Fi Routers:** Used as the final stage power boost for long-range home networking. * **Industrial Gateways:** Provides robust connectivity in high-interference environments. * **PC Cards/Dongles:** Integrated into high-gain USB Wi-Fi adapters. ---
    ✨ Follow-up Questions
    • ⤷What are the recommended thermal via patterns for the SE2576L-R package?
    • ⤷ How does the power detector voltage (Vdet) behave across different output power levels?
    • ⤷ Can this component be used in 5GHz Wi-Fi designs?