Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • SE2597L-R

  • AI
    ## Overview of the SE2597L-R The **SE2597L-R** is a high-power Power Amplifier (PA) designed specifically for **2.4 GHz WLAN (Wi-Fi)** applications. It is part of Skyworks Solutions' (formerly SiGe Semiconductor) line of Radio Frequency (RF) components, optimized for the IEEE 802.11b/g/n standards. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Frequency Range** | 2.4 GHz to 2.5 GHz | | **Operating Voltage** | 3.3V to 5.0V (Typical) | | **Output Power** | +28 dBm (802.11b), +23 dBm (802.11g) | | **Gain** | ~28 dB to 32 dB | | **Package Type** | QFN (16-pin, 3mm x 3mm x 0.9mm) | | **Input/Output Matching** | Internally matched to 50 $\Omega$ | --- ### Core Electronic Components & Features The SE2597L-R is more than just a simple transistor; it is an Integrated Circuit (IC) that includes several sub-systems: #### 1. Multi-Stage Amplifier The device typically utilizes a **three-stage amplifier architecture** to provide high gain. This allows it to take a weak signal from a Wi-Fi chipset and boost it significantly for transmission over long distances. #### 2. Power Detector It includes an integrated **temperature-compensated power detector**. * **Purpose:** It provides a DC voltage proportional to the RF output power. * **Benefit:** This allows the system to perform "Closed Loop Power Control," ensuring the device stays within regulatory emission limits and maintains signal integrity regardless of heat. #### 3. Impedance Matching Network The input and output ports are internally matched to **50 Ohms**. * **Simplification:** This reduces the need for external inductors and capacitors on the PCB, saving space and reducing "BOM" (Bill of Materials) costs. #### 4. Digital Enable Control The IC features a CMOS-compatible **Enable (EN)** pin. * **Logic:** A "High" signal turns the amplifier on, while a "Low" signal puts it into a low-current shutdown mode. This is critical for battery-powered mobile devices to save energy when not transmitting. --- ### Typical Application Circuit (Conceptual) Below is a simplified representation of how the SE2597L-R is integrated into a circuit: ```mermaid graph LR A[Wi-Fi Chipset] -->|RF_IN| B[SE2597L-R] B -->|RF_OUT| C[Antenna] D[MCU/Controller] -->|Logic High/Low| B E[Power Supply 3.3V] --> B ``` --- ### Common Applications * **Access Points/Routers:** Boosting signal strength for home and enterprise Wi-Fi. * **PC Cards:** Integrated into laptops or desktop Wi-Fi adapters. * **Embedded Modules:** Used in IoT gateways that require long-range 2.4 GHz connectivity.
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for the SE2597L-R during high-power operation?
    • ⤷ How does the power detector voltage scale with the RF output power?
    • ⤷ Is the SE2597L-R compatible with newer Wi-Fi 6 (802.11ax) modulation schemes?