Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • SES-2H1-R/E

  • AI
    The **SES-2H1-R/E** is a specific model within the range of high-performance industrial power relay modules or terminal relay boards, typically manufactured by companies like **Samwon ACT** (under the IOLINK brand). These devices are used to interface between PLC (Programmable Logic Controller) outputs and high-power field devices. --- ### 1. Key Technical Specifications The device acts as a bridge, utilizing electromagnetic relays to switch loads that the PLC cannot handle directly. | Feature | Specification (Typical) | | :--- | :--- | | **Relay Channels** | 2 Channels (Independent) | | **Control Voltage** | 24V DC (Standard for PLCs) | | **Contact Rating** | 5A to 10A at 250V AC / 30V DC | | **Contact Configuration** | 1c (SPDT) or 1a (SPST) per channel | | **Mounting Type** | DIN Rail Mount | | **Indicators** | LED Status for each channel | --- ### 2. Internal Electronic Components The "Electronic Parts" within this module are designed for protection, signaling, and switching. #### A. The Electromagnetic Relay The core component. It consists of a coil and physical contacts. When 24V DC is applied to the coil, it creates a magnetic field that pulls the contact to close the circuit on the high-voltage side. #### B. Flyback/Freewheeling Diode * **Purpose:** Since the relay coil is an inductor, it generates a high-voltage spike when turned off. * **Function:** A diode is placed in parallel with the coil to dissipate this energy, protecting the PLC's transistor output from burning out. #### C. LED Status Indicator * **Purpose:** Visual diagnostics. * **Components:** A surface-mount LED and a current-limiting resistor. It glows when the coil is energized, allowing technicians to see if the signal is reaching the board. #### D. Surge Suppression (Varistors) In many "R/E" (Extended/Rugged) versions, Varistors (MOVs) are included across the output contacts to absorb electrical noise and sparks (arcing) when switching inductive loads like motors or solenoids. --- ### 3. Wiring Layout The module simplifies complex wiring through organized terminal blocks: 1. **Input Terminals:** Connected to the PLC Output (usually labeled `+` and `-`). 2. **Output Terminals:** * **COM:** Common terminal. * **NO:** Normally Open (closes when energized). * **NC:** Normally Closed (opens when energized). --- ### 4. Application Use-Case The SES-2H1-R/E is used when a PLC needs to control: * AC Motors or Heaters. * Large Solenoid Valves. * Signal isolation between two different power systems (e.g., 24V DC control vs 220V AC load).
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the SES-2H1-R/E relay?
    • ⤷ How does the 'R/E' suffix differentiate this model from the standard SES-2H1?
    • ⤷ Can this module be used with AC input control signals instead of 24V DC?