Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • SMA36VG-CA2-R

  • AI
    The **SMA36VG-CA2-R** is a specific surface-mount piezoelectric buzzer (audio indicator) typically manufactured by brands like **Mallory Sonalert** or **Challenge Electronics**. It is designed to provide loud audible feedback in a compact, automated-assembly-friendly package. --- ## 1. Technical Specifications Below are the primary electrical and mechanical characteristics for this component: | Parameter | Specification | | :--- | :--- | | **Technology** | Piezoelectric | | **Indicator Type** | Audio Indicator (Internal Circuitry) | | **Operating Voltage** | 3.0V to 15.0V DC | | **Rated Voltage** | 12.0V DC | | **Current Consumption** | Max 15mA at rated voltage | | **Sound Pressure Level (SPL)** | Min 85 dB @ 10cm / 12VDC | | **Resonant Frequency** | 2500 Hz ± 500 Hz | | **Mounting Type** | Surface Mount (SMT) | | **Tone Type** | Continuous | --- ## 2. Key Features & Design ### Internal Driving Circuit Unlike a simple "transducer" that requires an external square wave to function, the **SMA36VG-CA2-R** is an **indicator**. This means it has an integrated oscillating circuit. When DC voltage is applied, it automatically generates a tone. ### Construction * **Housing:** PPS (Polyphenylene Sulfide) or similar high-temperature plastic to withstand reflow soldering. * **Termination:** Brass or Bronze with Gold/Tin plating for reliable SMT soldering. * **Washability:** Many models in this series are wash-resistant, featuring a removable label over the sound hole to protect the internal diaphragm during PCB cleaning. --- ## 3. Circuit Integration Integrating this part into a design is straightforward. Because it contains its own driver, you only need a switching element (like a transistor or MOSFET) to control it. ### Example Schematic Connection ```text VCC (3-15V) ----(+) Buzzer (-)----+ | [Drain] NMOS (e.g., 2N7002) [Source] | GND ``` --- ## 4. Typical Applications * **Industrial Equipment:** Status alerts and error alarms. * **Medical Devices:** Heart rate monitors or diagnostic equipment beepers. * **Consumer Electronics:** Microwave ovens, washing machines, and security panels. * **Automotive:** Dashboard warning sounds or parking sensor feedback.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an audio indicator and an audio transducer?
    • ⤷ Can I use Pulse Width Modulation (PWM) to change the pitch of this specific buzzer?
    • ⤷ What are the soldering temperature requirements for the SMA36VG-CA2-R during reflow?