Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • SMDCHR1008-R56

  • AI
    ### Electronic Component Analysis: SMDCHR1008-R56 The part number **SMDCHR1008-R56** typically refers to a **Wire-wound Surface Mount Device (SMD) High-Current Inductor**. These components are essential in power management and RF filtering circuits. --- ### 1. Breakdown of the Part Number | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **SMD** | Surface Mount Device | Designed for automated PCB soldering. | | **CHR** | Series Identifier | Often denotes a High-Reliability or High-Current series. | | **1008** | Case Size | Dimensions are approx. 0.10 x 0.08 inches (2.5 x 2.0 mm). | | **R56** | Inductance Value | **0.56 µH** (R acts as a decimal point). | --- ### 2. Key Technical Specifications While exact specifications can vary slightly by manufacturer (e.g., Coilcraft, Bourns, or generic brands), the 1008-R56 series generally adheres to these parameters: * **Inductance:** 0.56 µH (Microhenries). * **Tolerance:** Commonly ±5% (J) or ±10% (K). * **Quality Factor (Q):** Typically high (25–50) at specific test frequencies, indicating low energy loss. * **Self-Resonant Frequency (SRF):** Usually above 200-300 MHz, allowing it to function at high frequencies. * **DC Resistance (DCR):** Low (often < 1.0 Ohm) to minimize power dissipation. * **Rated Current:** Typically handles between 300mA to 800mA depending on the specific wire gauge used. --- ### 3. Construction and Materials The "CHR" designation usually implies a **Wire-wound** construction: 1. **Core Material:** Often Ceramic (for high-frequency stability) or Ferrite (for higher inductance/current). 2. **Windings:** Copper wire wrapped around the core and bonded to metallic terminals. 3. **Encapsulation:** Frequently coated in an epoxy resin for environmental protection and pick-and-place durability. --- ### 4. Common Applications Due to its small footprint and high-frequency performance, the 1008-R56 is used in: * **RF Tuning Circuits:** Found in wireless communication devices. * **DC-DC Converters:** Used for energy storage in small power supplies. * **Signal Filtering:** Removing high-frequency noise from data lines. * **Mobile Electronics:** Smartphones and tablets where space is at a premium. --- ### 5. Footprint (1008 Metric vs Imperial) It is important to note the physical size for PCB layout: * **Imperial:** 1008 (0.10" x 0.08") * **Metric:** 2520 (2.5mm x 2.0mm)
    ✨ Follow-up Questions
    • ⤷What is the typical DC resistance (DCR) for a 0.56uH 1008 inductor?
    • ⤷ How does a ceramic core compare to a ferrite core in this size?
    • ⤷ What are the soldering profile requirements for SMD 1008 components?