Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • SMT-R000

  • AI
    The term **SMT-R000** typically refers to a **Surface Mount Technology (SMT)** component used as a **Zero-Ohm Resistor** or a **Jumper**. These parts are designed to bridge gaps on a Printed Circuit Board (PCB) using the same automated assembly equipment as standard resistors. --- ### 1. Key Characteristics Although they are called "resistors," their primary function is to act as a wire link. | Feature | Description | | :--- | :--- | | **Resistance Value** | Theoretically 0Ω (Actual: typically < 50mΩ) | | **Package Types** | Standard EIA sizes (0402, 0603, 0805, 1206, etc.) | | **Marking** | Usually marked with a single "0" or "000" on the body | | **Mounting** | Surface Mount (SMD) via reflow or wave soldering | | **Current Rating** | Varies by size (e.g., 0805 is typically 2A max) | --- ### 2. Why Use a 0Ω Resistor? It may seem counterintuitive to use a resistor with no resistance, but they serve several critical roles in electronic design: 1. **Automated Assembly:** Using a zero-ohm resistor allows PCB pick-and-place machines to install a "wire" link. Using a physical copper wire would require manual soldering or different machinery. 2. **Configuration Jumpers:** Engineers use them as "solder jumpers." By placing or omitting the R000 component, different features of a circuit can be enabled or disabled without redesigning the PCB. 3. **Circuit Protection/Isolation:** They can act as a sacrificial link or a test point. Removing the resistor allows a technician to isolate specific sub-circuits for troubleshooting. 4. **PCB Routing:** Sometimes a trace needs to cross over another trace on a single-layer board. An R000 resistor acts as a bridge over the underlying copper path. --- ### 3. Technical Specifications Example When selecting an SMT-R000 part, the following parameters are usually found in the datasheet: ```json { "Part_Type": "Jumper Chip Resistor", "Resistance": "Maximum 0.05 Ohms", "Rated_Current": { "0402": "1.0A", "0603": "1.0A", "0805": "2.0A", "1206": "2.0A" }, "Operating_Temperature": "-55°C to +155°C" } ``` --- ### 4. Comparison: R000 vs. Copper Trace While a 0Ω resistor is meant to be a conductor, it is not a perfect one. * **Resistance:** A copper trace is almost always more conductive than an R000 chip. * **Power Dissipation:** Because it has a tiny amount of resistance, it will generate a small amount of heat if very high current passes through it. * **Inductance:** SMT jumpers have lower parasitic inductance than traditional through-hole wire jumpers, making them better for high-frequency applications.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current a 1206 size R000 resistor can typically handle?
    • ⤷ How do I choose between an R000 resistor and a solder bridge jumper?
    • ⤷ Can R000 resistors be used as fuses in low-current circuits?