SRP5030CC-R33M
AI

The **SRP5030CC-R33M** is a high-current shielded power inductor manufactured by Bourns. It is part of the SRP5030CC series, designed for high-density power applications where space and efficiency are critical.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the component's specifications:
| Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **SRP** | Series Name | High current shielded power inductor |
| **5030** | Case Size | ~5.7 mm x 5.2 mm (Base) x 3.0 mm (Height) |
| **CC** | Core Material | Metal alloy (Carbonyl powder) |
| **R33** | Inductance Value | **0.33 µH** |
| **M** | Tolerance | ±20% |
---
### 2. Key Technical Specifications
Below are the electrical and physical characteristics of the SRP5030CC-R33M:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.33 µH |
| **DC Resistance (DCR) Typ.** | 3.1 mΩ |
| **DC Resistance (DCR) Max.** | 3.52 mΩ |
| **Heating Current (Irms)** | 16.0 A (40°C temp rise) |
| **Saturation Current (Isat)** | 23.0 A (30% drop in L) |
| **Operating Temperature** | -55°C to +125°C |
| **Construction** | Shielded (Magnetic powder) |
---
### 3. Core Features & Benefits
* **Shielded Construction:** The inductor uses a metal alloy powder core that provides excellent magnetic shielding, resulting in low EMI (Electromagnetic Interference) radiation.
* **High Saturation Current:** It can handle high peak currents (up to 23A) without the inductance dropping off sharply.
* **Low DCR:** The very low DC resistance minimizes power loss through heat, increasing the overall efficiency of the DC-DC converter.
* **AEC-Q200 Compliance:** Most parts in this series are qualified for automotive use, ensuring high reliability in harsh environments.
---
### 4. Typical Applications
This component is commonly found in modern electronics requiring high power density:
1. **DC/DC Converters:** For distributed power systems and VRMs (Voltage Regulator Modules).
2. **Consumer Electronics:** Laptops, tablets, and gaming consoles where board space is limited.
3. **Automotive Systems:** Driver assistance systems, infotainment, and lighting.
4. **Power Supplies:** High-efficiency POL (Point of Load) converters.
---
### 5. Footprint Example (Recommended Land Pattern)
```text
[ 5.7 mm ]
+--------------+
| (Inductor) |
| | [ 5.2 mm ]
+--------------+
[Pad Size]
2.2mm x 2.5mm
```
- ⤷
What are the main differences between the CC and CA versions of this Bourns inductor series?
- ⤷ How does the saturation current (Isat) affect the performance of a buck converter?
- ⤷ What is the recommended reflow soldering profile for the SRP5030CC-R33M?