Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • ST-4

  • AI
    The **ST-4** typically refers to the **SBIG ST-4**, a legendary standalone autoguider and imaging camera that revolutionized astrophotography. Because it was designed in the late 1980s, its electronic architecture is a classic example of early digital imaging technology. --- ### Core Electronic Components The ST-4 consists of two main hardware sections: the **CCD Head** (which captures light) and the **Control Box** (which processes data and sends corrections to the telescope mount). | Component | Part Type | Function | | :--- | :--- | :--- | | **CCD Sensor** | TC211 (Texas Instruments) | A monochromatic CCD with 192 x 165 pixels. | | **Processor** | Intel 8031 (or 8051 variant) | An 8-bit microcontroller that manages operations. | | **A/D Converter** | 8-bit or 12-bit ADC | Converts analog voltage from the CCD into digital values. | | **Cooling** | Peltier Device (TEC) | Thermoelectric cooler to reduce electronic "noise" (dark current). | | **Relay Outputs** | Opto-isolators / Relays | Physical switches that simulate button presses on a telescope hand controller. | --- ### Detailed Analysis of Electronics #### 1. The TC211 CCD Sensor The heart of the ST-4 is the **TI TC211**. By modern standards, it is tiny (2.64mm x 2.64mm). Electronically, it is a "Full Frame" CCD, meaning it requires an external mechanical shutter or a very specific timing sequence to prevent "smearing" during readout. #### 2. The Control Logic (The "Brain") The **Intel 8031** microcontroller handles the logic. Unlike modern CMOS sensors that output digital data directly, the ST-4 electronics must: 1. Clock the CCD to shift charges row by row. 2. Amplify the weak analog signal. 3. Sample the signal using the ADC. 4. Store the image in a small buffer of SRAM. #### 3. Autoguiding Circuitry (The "ST-4 Port") The term "ST-4 Port" is now an industry standard. The electronics use **Opto-isolators** to interface with the telescope mount. * **Safety:** The isolation prevents high-voltage spikes from the mount motors from frying the ST-4 CPU. * **Logic:** It uses 4 pins for direction (North, South, East, West) and 1 Common Ground. When the CPU detects a star has moved, it "closes the circuit" for the corresponding direction pin. #### 4. Cooling System To capture faint stars, the electronics include a **Peltier Junction**. This pulls heat away from the CCD and dissipates it through the metal casing of the camera head. A simple temperature sensing circuit (thermistor) allows the control box to monitor the sensor's temperature. --- ### Technical Interface Specifications * **Communication:** RS-232 Serial (used for connecting to a PC to see the "digital" image). * **Power Input:** Usually 12V DC (standard for field use). * **Output:** 15-pin D-sub connector (connecting head to box) and 6-pin modular (RJ11-style) for telescope control.
    ✨ Follow-up Questions
    • What is the pinout diagram for a standard ST-4 autoguider port?
    • How does a Peltier cooler work within a CCD camera system?
    • Can an original ST-4 be used with modern astronomical software?