Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • STCS2ASPR

  • AI
    The **STCS2ASPR** is a high-performance linear constant current LED driver designed by STMicroelectronics. It is primarily used to provide a stable current for high-brightness LEDs, ensuring uniform light output and protecting the LEDs from voltage fluctuations. --- ### ## Technical Specifications Overview The following table summarizes the key electrical characteristics of the STCS2ASPR: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5V to 40V | | **Output Current** | Adjustable up to 2A | | **Feedback Voltage** | 100 mV (High efficiency) | | **Package Type** | PowerSO-8 (Exposed Pad) | | **Dimming Support** | PWM (Pulse Width Modulation) | | **Operating Temperature** | -40°C to 150°C | --- ### ## Core Electronic Components & Features The device integrates several critical functions into a single silicon chip: 1. **Current Regulation (Sense Pin):** The current is set using an external resistor ($R_{set}$) connected to the `FB` (Feedback) pin. Since the feedback voltage is very low (100mV), power dissipation across the sense resistor is minimized, improving overall system efficiency. * *Formula:* $I_{LED} = 100mV / R_{set}$ 2. **Control and Dimming:** * **PWM Pin:** Allows for digital brightness control. By applying a PWM signal, the LEDs can be dimmed without shifting the color temperature. * **EN (Enable) Pin:** Used to put the device into a low-power shutdown mode (typically < 1µA). 3. **Protection Circuits:** * **Thermal Shutdown:** The chip automatically throttles or shuts down if the junction temperature exceeds safe limits. * **Open Load Detection:** Provides a diagnostic output (`SLOAN` pin) to indicate if the LED string is disconnected. * **Overcurrent Protection:** Limits the maximum current to prevent damage to the internal MOSFET. --- ### ## Typical Application Circuit In a standard configuration, the STCS2ASPR acts as a "low-side" switch. ```mermaid graph LR VCC(VCC 5-40V) --> LED_Anode[LED String] LED_Cathode[LED String] --> Drain[STCS2 Drain Pin] Source[STCS2 FB Pin] --> Rset[Sense Resistor] Rset --> GND(Ground) ``` ### ## Key Advantages * **No EMI Issues:** Unlike switching regulators (Buck/Boost), this is a **linear** regulator. It does not produce high-frequency switching noise, making it ideal for EMI-sensitive environments like automotive interiors. * **Precision:** Provides $\pm 1\%$ current accuracy, ensuring consistent brightness across multiple LED strips. * **Robustness:** The high input voltage tolerance (40V) makes it resilient against "load dump" transients in 12V and 24V vehicle systems. ---
    ✨ Follow-up Questions
    • ⤷How do I calculate the power dissipation for the STCS2ASPR to prevent overheating?
    • ⤷ Can this driver be used for parallel LED strings?
    • ⤷ What is the maximum PWM frequency supported for dimming?