STM32F412RGH3
AI

## Overview of the STM32F412RGH3
The **STM32F412RGH3** is a high-performance microcontroller from STMicroelectronics' STM32F4 series. It is based on the **ARM® Cortex®-M4** 32-bit RISC core with a Floating Point Unit (FPU). It is designed for applications requiring high efficiency, DSP capabilities, and low power consumption.
---
### 1. Core and Performance Specifications
The core architecture allows for single-cycle multiplication and hardware division, making it ideal for signal processing.
| Feature | Specification |
| :--- | :--- |
| **Core** | ARM® Cortex®-M4 with FPU |
| **Max Frequency** | 100 MHz |
| **Performance** | 125 DMIPS/1.25 DMIPS/MHz (Dhrystone 2.1) |
| **DSP Instructions** | Yes |
---
### 2. Memory Resources
The "G" and "H" in the part number signify specific memory density and package types.
* **Flash Memory:** 1 MB (High density for complex firmware).
* **SRAM:** 256 KB (Flexible for data logging and buffering).
* **Adaptive Real-Time (ART) Accelerator:** Allows 0-wait state execution from Flash memory.
---
### 3. Key Electronic Peripherals
The STM32F412RGH3 is highly integrated with various communication and analog interfaces:
#### Communication Interfaces
* **I2C:** 4x interfaces (up to 1 MHz).
* **USART/UART:** 4x interfaces (up to 12.5 Mbit/s).
* **SPI/I2S:** 5x SPIs (up to 50 Mbit/s) / 5x I2S for high-quality audio.
* **CAN:** 2x CAN interfaces (2.0B Active).
* **USB:** USB 2.0 full-speed device/host/OTG controller.
* **SDIO:** Interface for SD/MMC cards.
#### Analog and Timing
* **ADC:** 1x 12-bit, 2.4 MSPS ADC with up to 16 channels.
* **Timers:**
* 2x 32-bit timers.
* 8x 16-bit timers (including PWM for motor control).
* 2x Watchdog timers.
---
### 4. Electrical Characteristics
Designed for versatility in power-sensitive environments.
| Parameter | Range |
| :--- | :--- |
| **Operating Voltage (VDD)** | 1.7V to 3.6V |
| **I/O Pins** | 50 (Package: UFBGA64) |
| **Temperature Range** | -40°C to +85°C (Standard) |
| **Low Power Modes** | Sleep, Stop, and Standby (VBAT for RTC) |
---
### 5. Package Information: UFBGA64
The **RGH3** suffix indicates the package and thermal properties:
* **R:** 64-pin count.
* **G:** 1 MB Flash memory.
* **H:** UFBGA (Ultra Fine Pitch Ball Grid Array) package.
* **3:** Industrial temperature range (-40°C to +125°C).
---
### 6. Example Code: GPIO Initialization
Below is a basic C snippet using the HAL (Hardware Abstraction Layer) to initialize a GPIO pin.
```c
/* Initialize GPIO Pin for an LED on Port A, Pin 5 */
void MX_GPIO_Init(void) {
GPIO_InitTypeDef GPIO_InitStruct = {0};
__HAL_RCC_GPIOA_CLK_ENABLE(); // Enable Clock
GPIO_InitStruct.Pin = GPIO_PIN_5;
GPIO_InitStruct.Mode = GPIO_MODE_OUTPUT_PP; // Push-Pull
GPIO_InitStruct.Pull = GPIO_NOPULL;
GPIO_InitStruct.Speed = GPIO_SPEED_FREQ_LOW;
HAL_GPIO_Init(GPIOA, &GPIO_InitStruct);
}
```
---
- ⤷What are the primary differences between the STM32F412 and the STM32F411?
- ⤷ Can you explain the ART Accelerator technology in this chip?
- ⤷ How do I calculate power consumption for this MCU in Stop mode?