Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • STM32F412RGH3PTR

  • AI
    The **STM32F412RGH3PTR** is a high-performance microcontroller from STMicroelectronics’ STM32F4 series. It is based on the ARM® Cortex®-M4 32-bit RISC core with a Floating Point Unit (FPU). --- ## 1. Core Technical Specifications This chip belongs to the "Access Line" of the F4 family, designed to balance high performance with power efficiency. | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M4 with FPU | | **Max Speed** | 100 MHz | | **Flash Memory** | 1 MB | | **SRAM** | 256 KB | | **Operating Voltage** | 1.7V to 3.6V | | **Package** | UFBGA64 (7x7 mm) | | **Temperature Range** | -40°C to 105°C | --- ## 2. Key Electronic Components & Peripherals The internal architecture integrates several specialized electronic blocks that reduce the need for external components. ### A. Memory and Acceleration * **ART Accelerator:** A proprietary hardware block that allows 0-wait state execution from Flash memory at CPU frequencies up to 100 MHz. * **Batch Acquisition Mode (BAM):** Allows data transfer via DMA while the CPU is in sleep mode, significantly reducing power consumption. ### B. Analog Peripherals * **ADC (Analog-to-Digital Converter):** 1x 12-bit ADC with up to 16 channels, capable of 2.4 MSPS. * **Temperature Sensor:** Internal sensor internally connected to the ADC. ### C. Connectivity and I/O * **I2C:** 4x interfaces (up to 1 MHz SMBus/PMBus). * **USART/UART:** 4x interfaces (up to 12.5 Mbit/s). * **SPI/I2S:** 5x SPIs (up to 50 Mbit/s) / 5x I2S for high-quality audio. * **USB:** USB 2.0 full-speed device/host/OTG controller with on-chip PHY. * **SDIO:** Interface for SD cards and eMMC. * **CAN:** 2x CAN interfaces (2.0B Active). --- ## 3. Decoding the Part Number The suffix `RGH3PTR` provides specific details about the physical and logistical attributes of the chip: | Code Segment | Meaning | | :--- | :--- | | **STM32F412** | Product Line (Cortex-M4, High Performance) | | **R** | Pin Count (64 Pins) | | **G** | Flash Memory Size (1024 KB / 1 MB) | | **H** | Package Type (UFBGA) | | **3** | Temperature Range (-40°C to +105°C) | | **P** | Internal Feature (Specific Revision/Option) | | **TR** | Packing Type (Tape and Reel) | --- ## 4. Power Management The STM32F412RGH3PTR is optimized for low-power applications. * **Sleep, Stop, and Standby modes:** Reduces current draw to micro-amps. * **V_BAT Supply:** Allows the RTC (Real Time Clock) and backup registers to remain powered by a small coin cell or supercapacitor when the main power is lost. ---
    ✨ Follow-up Questions
    • ⤷ What are the main advantages of the UFBGA64 package over the LQFP64 version?
    • ⤷ How does the BAM (Batch Acquisition Mode) help in battery-powered designs?
    • ⤷ Which development boards are compatible with the STM32F412 series?