STM32F412RGT3P
AI

The **STM32F412RGT3P** is a high-performance microcontroller from STMicroelectronics’ Access Line, based on the **ARM® Cortex®-M4** 32-bit RISC core. It is specifically designed to balance performance, power efficiency, and integrated features for mid-range industrial and consumer applications.
---
## 1. Core Technical Specifications
The device operates at a high frequency while maintaining a low power profile.
| Feature | Specification |
| :--- | :--- |
| **Core** | ARM® Cortex®-M4 with FPU (Floating Point Unit) |
| **Maximum CPU Frequency** | 100 MHz |
| **Flash Memory** | 1024 KB (1 MB) |
| **SRAM** | 256 KB |
| **Operating Voltage** | 1.7 V to 3.6 V |
| **Package Type** | LQFP-64 (Low-profile Quad Flat Package) |
| **Operating Temperature** | -40°C to 85°C |
---
## 2. Key Electronic Peripherals
The "P" in the part number indicates specific features or power optimizations. Here are the primary internal modules:
### A. Advanced Processing & Memory
* **Adaptive Real-Time Accelerator (ART):** Allows 0-wait state execution from Flash memory at up to 100 MHz.
* **DMA Controller:** 16-stream general-purpose DMA to offload the CPU from data transfer tasks.
* **Memory Interfaces:** Includes a Flexible Static Memory Controller (FSMC) to interface with external SRAM, PSRAM, and NOR Flash.
### B. Connectivity & Communication
The STM32F412 series is known for its high density of communication interfaces:
* **I2C:** 4x interfaces (supporting SMBus/PMBus).
* **USART/UART:** 4x interfaces (up to 12.5 Mbit/s).
* **SPI/I2S:** 5x SPI (up to 50 Mbit/s) / 5x I2S (for audio).
* **CAN:** 2x CAN interfaces (2.0B Active).
* **USB:** USB 2.0 OTG Full Speed (On-The-Go).
* **SDIO:** Support for SD, MMC, and eMMC cards.
### C. Analog-to-Digital Interfacing
* **ADC:** 1x 12-bit, 2.4 MSPS ADC with up to 16 channels.
* **Temperature Sensor:** Internal sensor connected to the ADC.
---
## 3. Power Management Features
The STM32F412RGT3P is optimized for battery-operated devices:
1. **Sleep, Stop, and Standby modes:** Reduces power consumption when the CPU is idle.
2. **$V_{BAT}$ Supply:** Allows the RTC (Real-Time Clock) and backup registers to run from a coin cell battery if the main power fails.
3. **BAM (Batch Acquisition Mode):** Allows data exchange via peripherals while the CPU remains in power-saving mode.
---
## 4. Part Number Decoder (STM32F412RGT3P)
| Code Segment | Meaning |
| :--- | :--- |
| **STM32** | Family: 32-bit ARM Microcontroller |
| **F412** | Line: High-performance Access Line (Cortex-M4) |
| **R** | Pin Count: 64 Pins |
| **G** | Flash Size: 1024 KB |
| **T** | Package: LQFP |
| **3** | Temperature Range: -40°C to +125°C (extended range) |
| **P** | Specific feature set or process variant |
---
- ⤷
What are the main differences between the STM32F411 and the STM32F412?
- ⤷ How does the ART Accelerator improve execution speed in this chip?
- ⤷ Which IDEs and compilers are recommended for developing with the STM32F412RGT3P?