STM32F412RGY6PTR
AI

## Overview of STM32F412RGY6PTR
The **STM32F412RGY6PTR** is a high-performance microcontroller from STMicroelectronics’ STM32F4 series. It is based on the **ARM® Cortex®-M4** 32-bit RISC core, operating at a frequency of up to 100 MHz. This specific part is known for its high integration and power efficiency, often used in medical, industrial, and consumer applications.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Core** | ARM® Cortex®-M4 with FPU (Floating Point Unit) |
| **Max Frequency** | 100 MHz |
| **Flash Memory** | 1 MB |
| **SRAM** | 256 KB |
| **Operating Voltage** | 1.7V to 3.6V |
| **Package Type** | WLCSP64 (Wafer Level Chip Scale Package) |
| **I/O Pins** | 50 |
| **Temperature Range** | -40°C to 85°C |
---
### 2. Core Electronic Components & Architecture
The internal architecture consists of several specialized blocks that handle processing, memory management, and peripheral communication:
#### A. Processing Unit
* **DSP Instructions:** Supports Single Instruction Multiple Data (SIMD) and digital signal processing instructions.
* **Memory Protection Unit (MPU):** Enhances application security by managing access rights to specific memory regions.
* **ART Accelerator™:** A prefetch queue and branch cache that allows 0-wait state execution from Flash memory.
#### B. Connectivity and Peripherals
The "F412" series is rich in communication interfaces:
* **Timers:** Includes 10x 16-bit timers and 2x 32-bit timers.
* **Communication:**
* 4x I2C interfaces (supporting SMBus/PMBus).
* 4x USARTs / 2x UARTs.
* 5x SPIs (up to 50 Mbit/s).
* 2x CAN interfaces (2.0B Active).
* **SDIO:** Secure Digital Input Output interface.
* **USB:** USB 2.0 full-speed device/host/OTG controller.
#### C. Analog Block
* **ADC:** 1x 12-bit, 2.4 MSPS Analog-to-Digital Converter with up to 16 channels.
* **Temperature Sensor:** Internal sensor for monitoring chip temperature.
---
### 3. Understanding the Part Number Code
The part number **STM32F412RGY6PTR** can be decoded as follows:
| Code Segment | Meaning |
| :--- | :--- |
| **STM32** | Family: 32-bit ARM Microcontroller |
| **F412** | Sub-family: Access line, high performance |
| **R** | Pin count: 64 pins |
| **G** | Flash memory size: 1024 Kbytes |
| **Y** | Package: WLCSP (Wafer Level Chip Scale Package) |
| **6** | Temperature range: -40°C to 85°C |
| **P** | Specific process/density information |
| **TR** | Packing: Tape and Reel |
---
### 4. Power Management
The chip features three power-saving modes to optimize battery life:
1. **Sleep Mode:** Only the CPU is stopped; peripherals continue to run.
2. **Stop Mode:** All clocks are stopped, but SRAM and register contents are retained.
3. **Standby Mode:** Deepest power-down; only the backup domain and standby circuitry are powered.
---
- ⤷
What are the main differences between the STM32F412 and the STM32F407?
- ⤷ What is the physical footprint size of the WLCSP64 package?
- ⤷ Can you provide a basic C code snippet to initialize a GPIO on this chip?