Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • STM32G474PBY6XXX

  • AI
    The **STM32G474PBY6XXX** belongs to the high-performance STM32G4 series by STMicroelectronics. It is specifically designed for mixed-signal applications, such as digital power conversion, motor control, and instrumentation. --- ## 1. Core Technical Specifications The STM32G474 is powered by the **ARM® Cortex®-M4** core with a Floating Point Unit (FPU). | Feature | Specification | | :--- | :--- | | **Core** | ARM Cortex-M4 with FPU and DSP instructions | | **Max Frequency** | 170 MHz | | **Flash Memory** | 512 KB | | **SRAM** | 128 KB (with CCM-SRAM for time-critical routines) | | **Package Type** | WLCSP121 (Wafer Level Chip Scale Package) | | **Operating Voltage** | 1.71V to 3.6V | --- ## 2. Key Electronic Peripherals This specific part is famous for its **High-Resolution Timer (HRTIM)** and advanced analog integration. ### A. Advanced Analog Features Unlike standard microcontrollers, the G474 acts as an "Analog MCU": * **ADCs:** Up to 5x 12-bit ADCs (fast sampling at 4 Msps). * **DACs:** 7x 12-bit DAC channels. * **Comparators:** 7x ultra-fast rail-to-rail comparators. * **Operational Amplifiers:** 6x built-in Op-Amps with programmable gain. ### B. High-Resolution Timer (HRTIM) The HRTIM is the standout feature for power electronics. It provides: * **Resolution:** 184 picoseconds. * **Usage:** Generating complex PWM signals for LLC resonant converters, Phase-Shift Full Bridge, and 3-phase motor inverters. ### C. Mathematical Acceleration * **CORDIC:** A hardware accelerator for trigonometric functions (Sin, Cos, Atan), crucial for Field Oriented Control (FOC) in motors. * **FMAC:** Filter Mathematical Accelerator for FIR and IIR filtering. --- ## 3. Communication & Connectivity The chip includes high-speed interfaces to communicate with sensors and other controllers: 1. **FDCAN:** 3x interfaces for CAN-FD (Flexible Data-rate). 2. **USB:** USB 2.0 full-speed device with Type-C Power Delivery (UCPD) support. 3. **Standard:** 4x I2C, 5x SPI/I2S, and 6x UART/LPUART. --- ## 4. Part Number Breakdown: STM32G474PBY6XXX The suffix provides details on the physical and logistical properties: | Code Segment | Meaning | | :--- | :--- | | **STM32G474** | Product Line (High-performance Mixed-Signal) | | **P** | Pin Count (121 Pins) | | **B** | Flash Memory Size (512 KB) | | **Y** | Package Type (WLCSP) | | **6** | Temperature Range (-40°C to 85°C) | | **XXX** | Options (Packing, specialized versions, or custom factory codes) | --- ## 5. Typical Application Circuits To use this part, the hardware design must include: * **Decoupling Capacitors:** 100nF ceramic capacitors on every $V_{DD}$ pin. * **HSE/LSE Crystals:** Typically 8-24 MHz for the High-Speed External clock. * **Analog Reference:** A stable $V_{REF+}$ filtered source to ensure ADC accuracy.
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of using the HRTIM in a buck-boost converter design?
    • ⤷ How does the CORDIC co-processor improve motor control efficiency compared to software execution?
    • ⤷ What are the PCB design considerations for the WLCSP121 package variant?